Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Data Sheet
ADA4530-1
HIGH IMPEDANCE MEASUREMENTS
analog.com
Rev. C | 34 of 52
This error is significant because it is very difficult to maintain high
insulation resistance values in glass epoxy (such as FR-4) PCB
materials. Resistance values of 10 TΩ to 100 TΩ are achievable.
A 10 TΩ insulation resistance creates a 1% error with the 100 GΩ
sensor used in previous examples. Insulation resistance does not
have an exponential temperature dependence like the amplifier
errors previously discussed in the Input Bias Current section and
the Input Resistance section, which makes insulation resistance the
dominate error source at lower temperatures (less than 70°C).
The effect on the insulation resistance on the TIA circuit depends
on the leakage path. The insulation resistance between the A
terminal and B terminal of the current sensor affects the circuit
in the same way as the amplifier input resistance. This error is
extremely small because the voltage across the insulation is equal
to the offset voltage of the amplifier. A much more significant error
is created from insulation paths to conductors with significantly
different potentials. This type of leakage path is shown as a lumped
element, RSHUNT, in the TIA circuit (see Figure 106). In this exam-
ple, the leakage path is created from the positive supply voltage
(V+) to the A terminal. If the positive supply voltage is 5 V relative to
signal ground, 500 fA flows through the insulation resistance of 10
TΩ. This large error dominates the amplifier input bias current and
input resistance errors over the entire temperature range.
Leakage paths to high voltages can also affect the buffer circuit with
equally ruinous results.
GUARDING
High source impedances and low error requirements can create in-
sulation resistance requirements that are unrealistically high. Fortu-
nately, a technique called guarding can reduce these requirements
to a reasonable level. The concept of guarding is to surround the
high impedance conductor with another conductor (guard) that is
driven to the same voltage potential. If there is no voltage across
the insulation resistance (between high impedance conductor and
guard), there cannot be any current flowing through it.
The ADA4530-1 uses guarding techniques internally, and it has a
very high performance guard buffer integrated. The output of this
buffer is made available externally to simplify the implementation of
guarding at the circuit level.
The voltage buffer circuit (see Figure 105) has been modified to
show the implementation of the guard (see Figure 107). In this
model, a conductor (VGRD) is added, and it completely separates
the high impedance (A) node from the low impedance (B) node
at a different voltage. The insulation resistance is modeled as two
resistances: all of the insulation between the A conductor and the
guard conductor (RSHUNT1), and all of the insulation between the
guard conductor and the B conductor (RSHUNT2). The ADA4530-1
guard buffer then drives this guard conductor (through Pin 2 and
Pin 7) to the A terminal voltage. If the A node and VGRD node are
exactly the same voltage, no current flows through the RSHUNT1
insulation resistance.
In practice, the voltage across RSHUNT1 cannot be 0 V, the guard
buffer offset voltage contributes to the difference in voltage potential
between the A node and VGRD node. For the ADA4530-1, this offset
voltage is trimmed to provide offsets less than 100 µV when the
input common-mode voltage is 1.5 V from the supply rails. The
guard buffer offset voltage and drift are specified in Table 1, Table 2,
and Table 3.
For example, assume that the voltage sensor produces an output
of 1 V. Without guarding, the 10 TΩ insulation resistance creates
an error current of 100 fA. With the guard, the voltage across the
insulation resistance is limited to 100 µV. The guard limits the error
current to 0.01 fA. In this example, the guard reduces the error by a
factor of 104 to an insignificant level.
Figure 107. Voltage Buffer Circuit with Guard
DIELECTRIC RELAXATION
Dielectric relaxation (also known as dielectric absorption or soak-
age) is a property of all insulating materials that can limit the
performance of electrometer circuits that need to settle to a few
femtoamperes.
Dielectric relaxation is the delay in polarization of the dielectric
molecules in response to a changing electric field. This delay is
a property of all insulating materials. The magnitude and the time
constant of the delay depend on the specific dielectric material. The
delays in some materials can be minutes or even hours.
Dielectric relaxation is a problem for electrometer circuits because
small displacement currents flow through the insulator in response
to the polarization of the molecules. Delays in polarization cause
delays in the dissipation of these currents, which can dominate the
settling time in these circuits.
In the context of capacitors, dielectric relaxation is called dielectric
absorption. Capacitors are specified with a test that measures
the residual open-circuit voltage after a specific charge/discharge
cycle. For electrometer circuits, it is more useful to consider the
short-circuit currents produced from step changes in a test voltage.
A simple lumped circuit model of an insulator is connected to the
test voltage source (see Figure 108). The majority of the dielectric
polarizes instantly; this is modeled as Capacitor C1. A small per-
centage of the dielectric polarizes slowly with a time constant of τ2,
modeled as Capacitor C2 and Resistor R2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com