Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Data Sheet
ADA4530-1
HIGH IMPEDANCE MEASUREMENTS
analog.com
Rev. C | 36 of 52
the difficulty maintaining a consistently low relative humidity at low
temperatures.
To evaluate the humidity sensitivity of insulation resistance, there
are two mechanisms which must be considered: adsorption and
absorption.
Adsorption is a process where thin films of molecules adhere to the
surface of a material. Water molecules are subject to this process.
The magnitude of the effect depends on the insulating material
and the relative humidity. Thin films of moisture are conductive,
and they act as leakage resistances in parallel with the insulation
resistance of the material. Because this is a surface effect, guard
ring techniques are effective at reducing it.
Absorption is a process where molecules enter the bulk of a
material. Water molecules can diffuse into a material and affect the
bulk conductivity of that material. Because the leakage paths are
through the bulk of the material, guard rings are not effective at
reducing it.
It is not possible to completely guard all the leakage paths: bulk
or surface. A relevant example of this limitation is the molding
compound of the SOIC package housing the ADA4530-1. Surface
and bulk paths exist from the input pins to all other pins of the pack-
age. The nature of the resulting current depends on the specific
leakage path: paths to V+ increase the bias current flowing out of
the amplifier, paths to V− increase the bias current flowing into the
amplifier, and paths to VOUT lower the effective feedback resistance
in TIA circuits.
Consider the example of a circuit powered from ±5 V power sup-
plies with an input common-mode voltage of 0 V. Assume that all
leakage resistance between the input and V+ is effectively 100 TΩ.
This resistance creates a current equal to 50 fA flowing from V+.
Assume that the leakage resistance between the input and V− is
effectively 250 TΩ. This resistance creates a current equal to 20 fA
flowing to V−. The net current equals −30 fA flowing out of the input
pin.
All of these leakage currents can be combined with the amplifier
input bias current and treated as an effective input bias current.
The effective input bias current sensitivity to relative humidity of the
ADA4530-1 is characterized for several units. The test amplifiers
are configured in TIA and unity buffer circuits with 100 GΩ, hermeti-
cally sealed resistors (RX-1M1009FE) as the feedback and source
resistors, respectively. These glass bodied resistors have a silicone
coating (glass has poor humidity adsorption properties).
The ADA4530-1 amplifiers are mounted on Rogers 4350B PCBs
(glass epoxy boards have poor humidity absorption properties).
Figure 112 shows the effective input bias current vs. relative humidi-
ty for seven characterization units. Figure 112 is plotted with a split
log axis to effectively show the magnitude and polarity of the bias
current. The magnitude of the leakage currents changes by more
than a factor of 100 across the relative humidity span from 5% to
80%. The effective bias current is much less than 1 fA for typical
conditioned environments (RH < 50%).
Figure 112. Effective Input Bias Current vs. Relative Humidity
The magnitude of the effective input bias current becomes very
sensitive to the relative humidity at higher humidity levels (>60%).
Some of the units show an exponential dependence on humidity
(see the blue curve in Figure 112). Other units show a less predicta-
ble dependence; the leakage current magnitude increases rapidly,
but the polarity can change. The net leakage current is the sum of
the currents sourced from higher voltages (like V+) with the currents
sunk by lower voltages (like V−). As the humidity changes, the
relative magnitudes of each of these leakage paths can change,
which can result in changes in the polarity of the leakage current
(see the red and green curves in Figure 112).
The response time of these leakage currents depends on the phys-
ical process that causes them. Because adsorption is a surface
effect, the film thickness rapidly achieves equilibrium with changes
in the relative humidity of the air. Because absorption is a bulk diffu-
sion process, it is very slow compared to the adsorption process.
These widely different time constants mean that the effective input
bias current responds quickly to a step change in relative humidity,
but has a very long settling time. The step response of one amplifier
to a 50% to 60% relative humidity change is shown in Figure 113.
The high frequency response of the initial humidity step (and the
overshoot recovery) is on the order of seconds to tens of seconds.
Complete settling takes over a week as the moisture slowly diffuses
through the PCB insulation and package molding compound. Each
data point in Figure 112 was taken after one week of settling time.
In practical applications, the relative humidity of the air changes
rapidly with daily and seasonal variations. The effective input bias
current response to these humidity changes has two parts. The
response due to the adsorption process follows the rapid changes
immediately. The response due to the absorption process low-pass
filters the humidity changes. This low-pass response causes the
effective input bias current to have long-term memory of the relative
humidity fluctuations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com