Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 49Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 50Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Data Sheet
ADA4530-1
PHOTODIODE INTERFACE
analog.com
Rev. C | 47 of 52
the offset voltage with the shunt resistance of the photodiode is the
most significant error source.
This circuit was constructed as described with a 10 GΩ feedback
resistor (Ohmite RX-1M1008JE). The dc error performance was
measured over the 25°C to 60°C temperature range (see Figure
128). The error increases rapidly with temperature as the shunt
resistance changes the noise gain exponentially. The total RTI error
ranges from +2 fA to −10 fA, considerably lower than the worst
case error budget, as expected.
Figure 128. DC Error vs. Temperature
The ac performance of the circuit was also measured. The circuit
was initially constructed without a physical feedback capacitor as
a baseline. The transimpedance gain vs. frequency is shown in
Figure 129. The 30% frequency peaking seen in the frequency
response (red curve) indicates that the feedback loop is marginally
compensated with parasitic capacitance.
A physical capacitor was added to improve the loop compensa-
tion. This capacitor is a 300 fF C0G ceramic in a Size 0805, sur-
face-mount package (AVX UQCFVA0R3BAT2A\500). C0G ceramic
capacitors are good candidates for electrometer circuits because
they have adequate insulation resistance and dielectric absorption
performance.
These low valued capacitors are designed for RF use and are
readily available. The 300 fF capacitor eliminates the frequency
peaking completely (blue curve) but it reduces the −3 dB bandwidth
from 390 Hz to 50 Hz.
Figure 129. Transimpedance Gain vs. Frequency
The stability improvement can be seen in the time domain as well.
The circuits step response to a 10 pA photocurrent is shown in
Figure 130. The uncompensated circuit (red curve) shows consid-
erable (20%) overshoot. The compensated circuit (blue curve) is
overdamped.
Figure 130. 10 pA Step Response
A noise budget is constructed based on the Noise Analysis section.
The RTO noise budget is separated into noise sources integrated
with a low bandwidth (see Table 14) and those integrated with a
high bandwidth (see Table 15).
The low frequency noise contributors include the feedback resist-
ance, the shunt resistance and the amplifier current noise. Each of
these sources has a −3 dB bandwidth equal to the signal bandwidth
(50 Hz); this is equivalent to a noise bandwidth of 79 Hz. The most
significant noise source is the photodiode shunt resistance by a
large margin. The second most significant source is the feedback
resistor. The amplifier current noise is so low that it can be ignored.
Table 14. Low Frequency Noise Budget
Error Source
25°C
45°C
60°C
VNRF
12.8 µV/√Hz
13.2 µV/√Hz
13.5 µV/√Hz
RSHUNT
5 GΩ
1.25 GΩ
442 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com