Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Data Sheet
ADA4530-1
HIGH IMPEDANCE MEASUREMENTS
analog.com
Rev. C | 35 of 52
The size of C2 reflects the proportion of slow molecules. The size
depends on the material but it is typically 100 to 10,000 times
smaller than C1. The size of R2 sets the time constant.
τ2 = R2 × C2
(9)
Figure 108. Dielectric Relaxation Model Test Circuit
The current step response (ISRC) of the insulator to a voltage step
is shown in Figure 108. A large initial current charges Capacitor C1
with a fast time constant. This time constant, τ1, equals the source
resistance RS × C1 (see Figure 109). Long after Capacitor C1 is
charged, a much smaller current continues to flow, which charges
Capacitor C2. The time constant of charging is not affected by the
external circuitry; it depends only on the material properties of the
insulator. The magnitude of the current depends on the magnitude
of the voltage change across the insulator.
Figure 109. Step Response of Dielectric Relaxation Model
The dielectric relaxation performance was measured for a variety of
PCB laminates using the test circuit in Figure 108. An electrometer
grade source measurement unit (SMU), Keithley 6430, applies a
±100 V test stimulus and measures the resulting current. The large
alternating polarity test voltage distinguishes the small dielectric
relaxation current from the input offset current of the SMU.
The first PCB laminate tested is the industry-standard FR-4 glass
epoxy. The measurement results are shown in Figure 110. The
glass epoxy laminate requires 1 hour to dissipate the dielectric
relaxation current to less than 10 fA. This result shows that glass
epoxy laminates are unsuitable for the highest performance electro-
meter circuits.
Figure 110. Glass Epoxy Dielectric Relaxation Performance
An alternative PCB laminate to consider is Rogers 4350B. Rogers
4350B is a ceramic laminate designed for RF/microwave circuits.
Rogers 4350B is compatible with standard PCB production techni-
ques and is widely available. The measurement results for the
Rogers 4350B material are shown in Figure 111. This material
requires less than 20 sec to dissipate the dielectric relaxation
current to less than 1 fA.
Based on its superior performance, it is recommended to use Rog-
ers 4350B laminates with the ADA4530-1 in the highest perform-
ance applications. All of the critical characterization measurements
of the ADA4530-1 are taken using Rogers 4350B.
Figure 111. Rogers 4350B Dielectric Relaxation Performance
HUMIDITY EFFECTS
The insulation resistance of the materials used to construct circuits
is sensitive to moisture. At lower temperatures (<70°C) the insu-
lation resistance creates more significant leakage current errors
than the amplifier itself. This means that the relative humidity of
the air is the most important error source at lower temperatures.
The dependence on humidity is evident in the input bias current
vs. temperature graphs (see Figure 34 to Figure 36). There is
significant deviation in the low temperature measurements due to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com