Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Data Sheet
ADA4530-1
CURRENT NOISE CONSIDERATIONS
analog.com
Rev. C | 41 of 52
Figure 118. Current Noise Spectral Density
The current noise of the ADA4530-1 originates from the saturation
current of the ESD diodes. The diode saturation current has an
exponential dependence on temperature; therefore, it is expected
that the current noise tracks this temperature behavior. The current
noise of the ADA4530-1 is characterized over temperature using
the transimpedance measurement circuit with a 1 TΩ resistor. The
measurements are limited to 85°C because of the maximum operat-
ing temperature of the resistor. Figure 119 shows the current noise
density at a frequency of 0.1 Hz for all of the test temperatures.
It can be useful to calculate an equivalent noise resistance from
the current noise density data in Figure 119. This conversion
facilitates comparisons between the current noise generated by the
ADA4530-1 and the thermal noise of the feedback resistor used in
the circuit.
Figure 119. Current Noise Density vs. Temperature
Figure 120 shows the equivalent noise resistance vs. temperature.
From Figure 120, it is easy to determine that the ADA4530-1 con-
tributes less noise than a 1 TΩ resistor for temperatures less than
40°C. If the application requires an 85°C operation, the ADA4530-1
contributes as much noise as a 30 GΩ resistor. This example illus-
trates the considerable impact of the temperature in determining the
noise performance of an application.
Figure 120. Equivalent Noise Resistance vs. Temperature
In summary, the excellent noise performance of the ADA4530-1
makes it ideal for electrometer applications. For impedances less
than 1 TΩ, the amplifier noise is negligible. Also, unlike other
amplifiers, the current noise is fully characterized and is free of
excessive blowback noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com