Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 49Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 50Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 51Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
Data Sheet
ADA4530-1
POWER SUPPLY RECOMMENDATIONS
analog.com
Rev. C | 50 of 52
Figure 135. Maximum Allowable Ripple at the Input of the LDOs to Bring
Spurs To Noise Floor Level (−120 dB)
LONG-TERM DRIFT
The stability of a precision signal path over its lifetime or between
calibration procedures is dependent on the long-term stability of the
analog components in the path, such as op amps, references, and
data converters. To help system designers predict the long-term
drift of circuits that use the ADA4530-1, Analog Devices measured
the offset voltage of multiple units for 10,000 hours (more than 13
months) using a high precision measurement system, including an
ultrastable oil bath. To replicate real-world system performance, the
devices under test (DUTs) were soldered onto an FR4 PCB using
a standard reflow profile (as defined in the JEDEC J-STD-020D
standard), as opposed to testing them in sockets. This manner
of testing is important because expansion and contraction of the
PCB can apply stress to the integrated circuit (IC) package and
contribute to shifts in the offset voltage.
The ADA4530-1 have extremely low long-term drift, as shown in
Figure 136. The red, blue, and green traces show sample units.
Note that the ADA4530-1 has a mean drift over 10,000 hours of
less than 0.5 µV, or less than 2% of its maximum specified offset
voltage of 40 µV at room temperature.
Figure 136. Measured Long-Term Drift of the ADA4530-1 Offset Voltage over
10,000 Hours
TEMPERATURE HYSTERESIS
In addition to stability over time as described in the Long-Term Drift
section, it is useful to know the temperature hysteresis, that is,
the stability vs. cycling of temperature. Hysteresis is an important
parameter because it tells the system designer how closely the
signal returns to its starting amplitude after the ambient temperature
changes and subsequent return to room temperature. Figure 137
shows the change in input offset voltage as the temperature cycles
three times from room temperature to 125°C to −40°C and back
to room temperature. The dotted line is an initial preconditioning
cycle to eliminate the original temperature induced offset shift from
exposure to production solder reflow temperatures. In the three full
cycles, the offset hysteresis is typically only 1.5 µV. The histogram
in Figure 138 shows that the hysteresis is larger when the device is
cycled through only a half cycle, from room temperature to 125°C
and back to room temperature.
Figure 137. Change in Offset Voltage over Three Full Temperature Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com