Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
ADA4530-1
CURRENT NOISE CONSIDERATIONS
analog.com
Rev. C | 39 of 52
The current noise from an amplifier input pin is important when
it flows through an impedance and generates a voltage noise. If
the current noise and impedance are large enough, the resulting
voltage noise can dominate the other noise sources in the circuit,
such as the voltage noise of the resistors and amplifier. For an
electrometer amplifier, such as the ADA4530-1, the typical circuit
impedances are so large that the current noise of the amplifier can
be the most important noise source.
To measure current noise, it is necessary to flow the noise current
through a test impedance large enough that the resulting noise volt-
age is larger than the other noise voltages in the circuit. Practically,
this test impedance is usually a resistor. All resistors have thermal
noise. The value of thermal noise is usually presented as an output
referred voltage noise spectral density (NSD), VNRTO.
VNRTO = √(4kTR)
(11)
where:
k is Boltzmann’s constant.
T is the temperature in Kelvin.
R is the resistance value.
The resistor thermal noise can be interpreted as a current NSD by
dividing the thermal noise with the resistance value, R, per Ohm’s
Law.
Table 8 shows the thermal noise of a series of resistor values
presented as both voltage and current noise. The current noise of
a resistor decreases as the resistance increases. This surprising
result illustrates that it is necessary to use high valued resistors to
measure low levels of current noise.
Table 8. Resistor Thermal Noise
Resistor Value
Voltage Noise
Current Noise
1 MΩ
128 nV/√Hz
128 fA/√Hz
100 MΩ
1.28 µV/√Hz
12.8 fA/√Hz
10 GΩ
12.8 µV/√Hz
1.28 fA/√Hz
1 TΩ
128 µV/√Hz
128 aA/√Hz
The measurement setup used to gather the current noise data is
shown in Figure 116. The ADA4530-1 is configured as a TIA with
a large value feedback resistor, RF. All amplifier current noise from
the inverting input flows through Resistor RF to produce a voltage
noise at VOUT.
Figure 116. Current Noise Measurement Setup
The output referred voltage NSD, VNRTO, is sampled by the SR785
high performance dynamic signal analyzer (DSA), and is equal to
the root-sum-square of the amplifier current noise multiplied by RF,
the resistor thermal noise, and amplifier voltage noise.
VNRTO = √((IN−RF)2 + 4kTRF + VN2)
(12)
where:
IN− is the amplifier inverting current noise.
4kTRF is the resistor thermal noise.
VN2 is the amplifier voltage noise.
Calculate the current noise of the amplifier from VNRTO as follows:
IN−= VNRTO2−4kTRF−VN2
RF
(13)
For Equation 13 to be valid, the measured noise must be somewhat
larger than the resistor thermal noise plus the amplifier voltage
noise. In practice, ensure that the resistor current noise is less than
or equal to the amplifier current noise. For example, if the amplifier
noise is expected to be 2 fA/√Hz, use a value of RF that is at least
10 GΩ, according to Table 8.
The amplifier voltage noise is not a concern at most frequencies
because the resistor thermal noise is much larger than the amplifier
voltage noise. At very low frequencies, this assumption is not valid
due to the 1/f characteristic of the amplifier voltage noise.
It is important to consider the bandwidth limitations of the current
noise measurement system shown in Figure 116. The presence
of stray capacitance makes it impossible to maintain the high
impedances required for the measurement. All stray capacitances
that couple the amplifier output to the inverting input can be lumped
into a single capacitor, CF, as shown in Figure 116.
The current noise must pass through RF to become voltage noise.
However, in practice, the current noise passes through the parallel
combination of RF and CF to become voltage noise. At frequencies
higher than the RFCF pole, most of the noise current flows through
the capacitor and current noise calculations at these frequencies
are error prone due to the distributed parasitic nature of CF. A good
guideline is to set the measurement bandwidth limit equal to the
RFCF pole frequency.
The measurement bandwidth limitations for high valued resistors
can be surprisingly low. Table 9 shows the −3 dB bandwidth of a
series of resistor values with a practical minimum stray capacitance
value.
Table 9. Bandwidth Limitations
Resistor Value
Capacitor Value
−3 dB Bandwidth
1 MΩ
100 fF
1.59 MHz
100 MΩ
100 fF
15.9 kHz
10 GΩ
100 fF
159 Hz
1 TΩ
100 fF
1.59 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com