Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Data Sheet
ADA4530-1
HIGH IMPEDANCE MEASUREMENTS
analog.com
Rev. C | 38 of 52
Figure 115. TIA Circuit with Contamination Battery
CLEANING AND HANDLING
The contamination described in the Contamination section can be
removed by an appropriate cleaning process. Vapor degreasing and
cleaning solvents such as n-Propyl Bromide (nPB) are effective at
removing residues from solder fluxes, oil, and grease contaminants.
Insulators that are severely contaminated benefit from mechanical
abrasion in addition to the solvent. Vapor degreasers are highly
effective. Scrubbing the area around the high impedance insulators
with an acid brush also works.
The residual moisture must completely evaporate before the insula-
tor can be used. nPB solvents dry up quickly and compressed dry
air (CDA) is enough for drying, but the boards can still be subjected
to the baking process if needed.
For detailed cleaning and handling procedures, refer to the
ADA4530-1R-EBZ user guide.
SOLDER PASTE SELECTION
Solder paste selection can drastically impact the performance of
the board if not cleaned properly. Solder flux residue on a PCB
degrades the low IB performance of the amplifier. An experiment
was performed to evaluate the cleaning procedure for different
solder paste types. Table 7 shows the result of the experiment. The
recommended cleaning procedure column lists the times required
to restore the effective input bias currents to less than 1 fA. The
suggested solder paste of choice is the RMA type.
Table 7. Recommended Cleaning Procedures for Different Solder Paste Material
Solder Paste Type
Solder Paste Part Number
Recommended Cleaning Procedure1
RMA
AIM RMA258-15R
15 min clean time in an ultrasonic cleaner with fresh IPA, followed by 1.5 hours of bake time at 125°C
Water Soluble
SAC305 Shenmao
1.5 hours clean time in an ultrasonic cleaner with fresh IPA, followed by 1.5 hours of bake time at 125°C
No Clean
SAC 305 AMTECH LF4300
3 hours clean time in an ultrasonic cleaner with fresh IPA, followed by 3 hours of bake time at 125°C
1 Bake time was not optimized and was set equal to the cleaning time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com