Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Data Sheet
ADA4530-1
LAYOUT GUIDELINES
analog.com
Rev. C | 43 of 52
Figure 123. Layout Cross Section with Guard Plane
VIA FENCE
A via fence is an additional structure that guards the lateral leakage
paths in the laminate between the guard ring and the guard plane
(see Figure 123). The fence is implemented by surrounding the
entire guard ring with vias that connect the guard ring to the guard
plane (see Figure 121 and Figure 122).
CABLES AND CONNECTORS
Guarding techniques are required for all high impedance wiring—
not just on the PCB. Frequently, the high impedance sensor is not
directly mounted on the PCB with the electrometer amplifier and
external cables are used to make the connection.
The typical way to guard a cable connecting to a current output
sensor is by using a coaxial cable. A coaxial cable consists of
an inner conductor surrounded with insulation, which is, in turn,
surrounded by a braided conductor. Use the inner conductor for the
high impedance (A) terminal and the outer braided shield conductor
for the low impedance (B) terminal. Conveniently, this arrangement
effectively guards the coaxial insulation resistance because the A
terminal and B terminal are nominally at the same voltage (when
attached to a TIA interface circuit).
Voltage output sensors are more problematic because the A termi-
nal and B terminal are not at the same voltage. The typical way
to guard the voltage output sensor cable is to use a triaxial cable.
A triaxial cable is constructed with an inner conductor with two
separate braided conductors. Each of these braided conductors is
separated from each other with insulation. Use the inner conductor
for the high impedance (A) terminal and the inner braided conductor
for the guard (VGRD) connection, and use the outer braided conduc-
tor for the low impedance (B) terminal. All the insulation around the
inner conductor is completely surrounded by the guard conductor,
which keeps the voltage drop across this insulation equal to zero.
ELECTROSTATIC INTERFERANCE
Very high impedance electrometer circuits are susceptible to inter-
ference through capacitive coupling. The amount of capacitance
required to couple low frequency signals is surprisingly small. For
example, line frequency (60 Hz) interference is coupled (with a
−3 dB loss) to a 1 TΩ impedance with only 3 fF of coupling
capacitance.
Traditional electrical interferers are not the only sources of concern.
Calculate the displacement current, I, in a capacitor as follows:
I=C∂V∂t+V∂C∂t
(15)
The second term in this equation is frequently ignored in most
circuits, but it can generate some unusual problems in electrometer
circuits. The problem is that the movement of any charged object
changes the coupling capacitance between the object and the
electrometer, and this change in capacitance injects small currents
into the circuit. The ADA4530-1 is so sensitive that it easily detects
the movement of a hand or the movement of a piece of paper.
These types of effects are not periodic or predictable, and they can
appear as erratic dc shifts on the time scales of interest.
Both of these types of interference can be reduced by the addition
of a shield. A shield is a piece of conductive material placed be-
tween the high impedance input and the interference source. This
shield must be electrically connected to a low impedance source
(such as signal ground). If the shield physically interrupts all of the
capacitive coupling paths, all of the displacement current from the
interference source is shunted to the low impedance source.
The construction of a shield is almost the same as the construction
of a guard. Because of this similarity, many guard structures also
provide shielding as well. The primary difference is that the dc
voltage of the shield is not important, whereas the guard must have
a voltage equal to that of the high impedance input. Shields that are
driven by the guard buffer have the added benefit of bootstrapping
the capacitance between the high impedance input and the shield.
The disadvantage of this approach is that the guard buffer output
impedance is 1 kΩ, which makes the shield less effective than a
signal ground or a chassis ground connection. The most effective
systems typically use the box within a box construction: the outer
shield is driven with ground and the inner shield is driven with
guard.
There is another capacitive interference effect that typically cannot
be shielded. This displacement current is generated from a change
in capacitance with respect to time (the second term of Equation
15). This change is due to the mechanical movement of the circuit
components. This movement, which can be caused by mechanical
impact or vibration, generates electrical interference. This interfer-
ence typically appears at unexpected frequencies that are equal to
the mechanical resonances of the components.
This effect must be considered when using traditional air wiring
techniques for large feedback resistors or relays. It is important
to ensure solid mechanical connections to Teflon standoffs for this
type of construction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com