Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Data Sheet
ADA4530-1
HIGH IMPEDANCE MEASUREMENTS
analog.com
Rev. C | 37 of 52
In this environment, measurements of the effective input bias cur-
rent appear to drift with time because the leakage currents depend
on the relative humidity for the previous week. This long-term mem-
ory due to the absorption process may need to be taken in account
in certain circumstances (such as long-term product storage in an
unconditioned high humidity environment prior to use).
The rapid adsorption response can change the effective bias cur-
rent in response to local fluctuations in humidity. These current
fluctuations can be much larger than the low frequency current
noise of the amplifier and thermal noise of the resistors. The
sensitive circuitry can be isolated from these local humidity fluctu-
ations by restricting the airflow around the circuitry with an air
baffle. Electrostatic shielding added to reduce interference can
also function as an air baffle. Remove or reduce the sources of
humidity fluctuations whenever possible. Avoid breathing on the
high impedance circuitry, for example.
Figure 113. Effective Input Bias Current Transient Response to Humidity Step
It is important to note that all electrometer circuits are subject
to humidity effects. The legacy circuits constructed with TO-99
packages using air wiring techniques have insulator leakage paths
such as the epoxy between the pins and the Teflon® standoffs that
support the air wired components. The input bias currents of legacy
amplifiers are high enough to mask the humidity effects.
In summary, the ADA4530-1 can be designed using the specified
performance for normal laboratory (<60%) relative humidity condi-
tions. In applications that must operate in uncontrolled or high
humidity environments, some additional derating of the input bias
current is prudent. Characterize the amount of derating on a per
product basis because the net leakage depends on the material
types and physical dimensions of the insulators.
CONTAMINATION
The effective insulation resistance of an electrometer circuit can be
substantially degraded if the insulators are contaminated. Solder
flux, body oils, dust, and dirt are all possible sources of contami-
nation. Some of these contaminants form a parallel leakage path
across the surface of the existing insulator, effectively lowering the
insulation resistance. Guarding techniques help to suppress these
effects.
The effects are more severe when the source of contamination
contains ionic compounds. In the presence of humidity, these con-
taminants act as an electrolyte, which can form a weak battery. Flux
residue and body oils are particularly effective at creating these
parasitic batteries.
As an example, the PCB insulation between two high impedance
nodes was purposefully contaminated with a 3 mm drop of rosin
mildly activated (RMA) type solder flux. This sample was dried and
allowed to stabilize in laboratory conditions (25°C, 40% RH) for
several days. After this time, the voltage vs. current relationship
was measured with an electrometer grade SMU (see Figure 114).
Figure 114. Current to Voltage Response of RMA Contaminated Insulation
This contamination formed a weak battery with an open circuit
voltage (VBATT) of 15 mV and an output resistance (RBATT) of
300 GΩ. This sort of contamination is disastrous in electrometer cir-
cuits because guarding techniques cannot suppress it. A simplified
model is made with the contamination battery applied across the
A terminal and B terminal of a TIA circuit (see Figure 115). The A
terminal and B terminal are both driven to the same voltage, which
creates an error current (IBATT) because the open circuit battery
voltage is dropped across the output resistance as follows:
IBATT = VBATT ÷ RBATT
(10)
This battery current flows through the feedback resistance, where
it is summed with the signal and other error currents in the circuit.
The error current in this example is 50 fA. The battery characteris-
tics are subject to the environmental conditions; therefore, the error
current drifts with time, temperature, and humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com