Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Data Sheet
ADA4530-1
PHOTODIODE INTERFACE
analog.com
Rev. C | 44 of 52
The low input bias current and low input offset voltage makes
the ADA4530-1 an excellent choice for signal conditioning photodi-
odes at extremely low illumination levels. Figure 124 shows the
ADA4530-1 configured in a transimpedance amplifier interfacing
with a photodiode operating in photovoltaic mode (photodiode is
zero biased). A photodiode produces an output current proportional
to the illumination level. The amplifier converts the signal current,
IPD, into an output voltage with the following equation:
VOUT = IPD × RF
(16)
Figure 124. Transimpedance Amplifier with Photodiode
Figure 125 replaces the photodiode with an equivalent circuit
model. IPD is the photo current generated by incident light and
is proportional to the light level. The shunt capacitance (CSHUNT)
models the depletion capacitance of the diode. This capacitance
depends on the area of the photodiode and the voltage bias. The
shunt resistance (RSHUNT) represents the voltage vs. current slope
of the exponential diode curve near zero bias voltage.
Figure 125. Transimpedance Amplifier with Photodiode Model
DC ERROR ANALYSIS
All of the errors described in the High Impedance Measurements
section related to TIA circuits are applicable to photodiode interfa-
ces.
The inverting input bias current, IB−, sums directly with the photo-
diode current for a referred to input (RTI) error equal to IB−. This
current flows through the feedback resistor, creating a referred to
output (RTO) error, VIB_TRO, equal to
VIB_RTO = IB− × RF
(17)
The amplifier offset voltage, VOS, is a major error source in pho-
todiode interface circuits because of the relatively low shunt resist-
ance of large area photodiodes. Typical values are in the range of 1
GΩ to 100 GΩ at 25°C.
More importantly, the shunt resistance decreases by half for every
10°C increase in temperature. An error current is created because
the amplifier offset voltage is applied across this shunt resistance,
resulting in an RTI error (IVOS_RTI) equal to
IVOS_RTI = VOS/RSHUNT
(18)
It is equivalent to think that the shunt resistance increases the DC
noise gain (NG), which multiplies the offset voltage to the output.
The RTO error due to VOS is equal to
VOS_RTO = VOS × Noise Gain
(19)
VOS_RTO = VOS × (1 + RF/RSHUNT)
(20)
The amplifier input resistance and insulation resistance appear
in parallel with the photodiode shunt resistance. These additional
resistances reduce the effective shunt resistance, but they are
much larger than the photodiode shunt resistance and can usually
be ignored.
AC ERROR ANALYSIS
Photodiode TIA circuits typically require external compensation to
give satisfactory dynamic performance. The large feedback resistor
(RF) interacts with the large photodiode capacitance (CSHUNT) to
create a low frequency pole in the feedback network. Photodiode
shunt capacitance, amplifier input capacitance, and trace capaci-
tance are lumped into a single element, CSHUNT. The phase shift
due to this pole must be recovered prior to the crossover frequency
for the feedback loop to be stable. The usual method to recover
this phase shift is to create a zero in the feedback factor with the
addition of the feedback capacitor (CF).
The classic way of analyzing this circuit is by examining the noise
gain vs. frequency (see Figure 126). At low frequencies, the noise
gain is determined by the ratio of the feedback to the shunt resist-
ance.
NG1=1+ RFRSHUNT
(21)
The troublesome low frequency pole (which is a zero in the noise
gain) occurs at Frequency f1. From this frequency onward, the
noise gain increases. If there is no feedback capacitor in the circuit,
the noise gain follows the dotted line until it intersects with the
amplifier open-loop gain curve. If these curves intersect at the 20
dB/decade slopes shown in Figure 126, the circuit is unstable.
The addition of CF adds a zero to the feedback factor (which is a
pole in the noise gain) at Frequency f2. Beyond Frequency f2, the
noise gain is determined by the ratio of the shunt capacitance to the
feedback capacitance.
NG2=1+CSHUNTCF
(22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com