Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1ARZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4530-1ARZ-R7
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1ARZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4530-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 34Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4530-1ARZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Data Sheet
ADA4530-1
HIGH IMPEDANCE MEASUREMENTS
analog.com
Rev. C | 33 of 52
error level is 10%, the minimum measurable signal current is 2.25
pA for a circuit operating at 125°C.
ISRC = IB−(1/err – 1)
(6)
where err is the error level.
2.25pA=250fA 10.1 −1
INPUT RESISTANCE
The input resistance of the amplifier is another error source that
must be considered. Input resistance typically has two components:
differential and common mode. The differential input resistance is
suppressed by the negative feedback of the circuit. The ADA4530-1
has enough gain that the differential input resistance is much too
large to measure. The common-mode input resistance (hereafter
referred to as input resistance) is a more important error source.
The input resistance is equal to the change in input bias current
relative to the change in input voltage. This change is not caused
by a physical resistance inside the ADA4530-1; it is the result of
a complex relationship between the accuracy of the guard voltage
across the ESD structures and the input common-mode voltage;
that is, the input resistance changes with common mode voltage.
It is also possible for the input resistance to be negative. Negative
input resistance means the input bias current decreases as the
common-mode voltage increases.
The input resistance, RIN, can be approximated by calculating the
slope of the input bias current vs. common-mode voltage graphs
(see Figure 22 to Figure 33). For example, the noninverting input
resistance can be calculated at 125°C from Figure 32. The input
bias current changes by approximately 20 fA for common-mode
voltages from 4 V to 6 V.
RIN=ΔVCMΔIB+
(7)
RIN= 2V20fA=100TΩ
The slope of the curves in the input bias current vs. common-mode
voltage graphs increases rapidly outside the preferred common-
mode range (see Figure 22 to Figure 33). The input resistance
drops rapidly outside this range. This drop in input resistance must
be considered before operating these circuits with input voltages
close to the V− power supply.
Like the input bias current, the input resistance has a strong
temperature dependence. At lower temperatures, the amplifier input
resistance is so high that it is dominated by other error sources. It is
important to recognize the limitations of calculating input resistance
at lower temperatures. Measurement uncertainties make it difficult
to accurately calculate the ΔIB term. Consider the 85°C input bias
current vs. common-mode voltage graphs (see Figure 22 to Figure
27): the measurement uncertainties are equal to a few fA, which
is the same magnitude as the input bias current itself. These uncer-
tainties make it impossible to calculate input resistances higher
than a few hundred teraohms.
The input resistance affects the buffer circuit by loading down the
voltage sensor. This resistance acts as a voltage divider so the
voltage measured by the amplifier is some fraction of the unloaded
voltage of the sensor. This voltage drop is calculated as follows:
VA=VSRC RIN
RIN+RSRC
(8)
Consider the previous example of a 100 GΩ sensor operating at
125°C. The 100 TΩ input resistance causes the measured voltage
to equal 99.9% of the actual voltage, a 0.1% gain error.
The input resistance has much less of an effect on the TIA circuit.
The input common-mode voltage does not change in this circuit;
therefore, the error created is vanishingly small. The input resist-
ance affects the noise gain of the circuit, which changes the input
offset voltage error (see the Photodiode Interface section for more
information).
INPUT OFFSET VOLTAGE
The input offset voltage of the amplifier affects the buffer circuit by
adding directly to the voltage output of the sensor. This error is
typically much smaller than other errors.
The input offset voltage affects the TIA circuit in a different manner.
The burden voltage of the TIA is equal to the input offset voltage.
This burden voltage appears between the A and B terminals. An
error current is created by applying this burden voltage across the
sensor shunt resistance. For sensors with low output resistances
such as photodiodes, this error can be significant. Consider a
sensor with a 1 GΩ output resistance. The 50 µV maximum offset
voltage of the ADA4530-1 creates a 50 fA error current.
INSULATION RESISTANCE
The ADA4530-1 has such low input bias current and such high
input resistance that the insulation resistance of the materials that
are used to construct the circuit is often the largest error source.
Any insulators with finite resistance that come in contact with the
high impedance conductor contribute to the error current. Some
examples include the PCB laminate material, cable, and connector
insulation.
The physical insulation resistance is distributed across the entire
contact surface of the high impedance conductor, and it can end
at several different conductors at different potentials. It is useful
to make a simple model where all of these resistance paths are
lumped into a single resistor. This lumped element is shown as
RSHUNT in the voltage buffer circuit (see Figure 105).
The insulation resistance affects the buffer circuit in the same way
as the amplifier input resistance. This resistance acts as a voltage
divider so that the voltage measured by the amplifier is some
fraction of the unloaded voltage of the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com