Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 99 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 99 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 95Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 96Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 97Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 98Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 99Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 100Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 101Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 102Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 103Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 126 page
background image
Chapter 9 DC and AC Operating Conditions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
99
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Chapter 9 DC and AC Operating Conditions
9.1 Absolute Maximum Ratings
Table 9-1 lists absolute maximum ratings. Stresses above these ratings can permanently damage the
ICS1893CF. These ratings, which are standard values for IDT commercially rated parts, are stress ratings
only. Functional operation of the ICS1893CF at these or any other conditions above those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions
for extended periods can affect product reliability. Electrical parameters are guaranteed only over the range
of the recommended operating temperature.
9.2 Recommended Operating Conditions
Table 9-1. Absolute Maximum Ratings for ICS1893CF
Item
Rating
VDD (measured to VSS)
-0.3 V to 3.6V
Digital Inputs / Outputs
-0.3 V to VDD +0.3 V
Storage Temperature
-55
° C to +150° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Power Dissipation
See Section 9.4.1, “DC Operating Characteristics for Supply Current”
Table 9-2. Recommended Operating Conditions for ICS1893CF
Parameter
Symbols
Min.
Max.
Units
Ambient Operating Temperature - Commercial
TA
0+70
°C
Ambient Operating Temperature - Industrial
TA
-40
+85
°C
Power Supply Voltage (measured to VSS)
VDD
+3.14 +3.47
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com