Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 40 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 40 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 36Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 37Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 38Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 39Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 40Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 41Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 42Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 43Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 44Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
40
Chapter 6 Functional Blocks
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Note: The Management Frame Structure starts from and returns to an IDLE condition. However, the IDLE
periods are not part of the Management Frame Structure.
6.6.2.1 Management Frame Preamble
The ICS1893CF continually monitors its serial management interface for either valid data or a Management
Frame (MF) Preamble, based upon the setting of the MF Preamble Suppression bit, 1.6. When the MF
Preamble Suppression is disabled, an ICS1893CF waits for a MF Preamble which indicates the start of an
STA transaction. A Management Frame Preamble is a pattern of 32 contiguous logic one bits on the MDIO
pin, along with 32 corresponding clock cycles on the MDC pin.
The ICS1893CF supports the Management Frame (MF) Preamble Suppression capability on its
Management Interface, thereby providing a method to shorten the Management Frame and provide an STA
with faster access to the Management Registers.
The ability to process Management Frames that do not have a preamble is provided by the Management
Frame Preamble Suppression bit, (bit 1.6 in the ICS1893CF’s Status Register). This is an ISO/IEC defined
status bit that is intended to provide an indication of whether or not a PHY supports the MF Preamble
Suppression feature. In order to maintain backward compatibility with the ICS1890, which did not support
MF Preamble Suppression, the ICS1893CF MF Preamble Suppression bit is a Command Override Write
bit which defaults to a logic zero. An STA can enable MF Preamble Suppression by writing a logic one to bit
1.6 subsequent to a write of logic one to the Command Override bit, 16.15. For an explanation of the
Command Override Write bits, see Section 7.1.2, “Management Register Bit Access”.
6.6.2.2 Management Frame Start
A valid Management Frame includes a start-of-frame delimiter, SFD, immediately following the preamble.
The SFD bit pattern is 01b and is synchronous with two clock cycles on the MDC pin.
6.6.2.3 Management Frame Operation Code
A valid Management Frame includes an operation code (OP) immediately following the start-of-frame
delimiter. There are two valid operation codes: one for reading from a management register, 10b, and one
for writing to a management register, 01b. The ICS1893CF does not respond to the codes 00b and 11b,
which the ISO/IEC specification defines as invalid.
6.6.2.4 Management Frame PHY Address
The two-wire, Serial Management Interface is specified to allow busing (that is, the sharing of the two wires
among multiple PHYs). The Management Frame includes a 5-bit PHY Address field, PHYAD, allowing for
32 unique addresses. An STA uniquely identifies each of the PHYs that share a single serial management
interface by using this 5-bit PHY Address field, PHYAD.
Table 6-1. Management Frame Structure Summary
Frame Field
Data
Comment
Acronym
Frame Function
PRE
Preamble (Bit 1.6)
11..11
32 ones
SFD
Start of Frame
01
2 bits
OP
Operation Code
10/01 (read/write)
2 bits
PHYAD
PHY Address (Bits 16.10:6)
AAAAA
5 bits
REGAD
Register Address
RRRRR
5 bits
TA
Turnaround
Z0/10 (read/write)
2 bits
DATA
Data
DDD..DD
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com