Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 13Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 14Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 15Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 16Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 17Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 18Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 19Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 20Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 21Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 126 page
background image
Chapter 5 Interface Overviews
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
17
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
5.1 MII Data Interface
The ICS1893CF’s MAC Interface is the Media Independent Interface (MII) operating at either 10 Mbps or
100 Mbps. The ICS1893CF MAC Interface is configured for the MII Data Interface mode, data is transferred
between the PHY and the MAC as framed, 4-bit parallel nibbles. In addition, the interface also provides
status and control signals to synchronize the transfers.
The ICS1893CF provides a full complement of the ISO/IEC-specified MII signals. Its MII has both a
transmit and a receive data path to synchronously exchange 4 bits of data (that is, nibbles).
• The ICS1893CF’s MII transmit data path includes the following:
– A data nibble, TXD[3:0]
– A transmit data clock to synchronize transfers, TXCLK
– A transmit enable signal, TXEN
– The TXER pin is not available on the ICS1893CF
• The ICS1893CF’s MII receive data path includes the following:
– A separate data nibble, RXD[3:0]
– A receive data clock to synchronize transfers, RXCLK
– A receive data valid signal, RXDV
Both the MII transmit clock and the MII receive clock are provided to the MAC/Reconciliation sublayer by
the ICS1893CF (that is, the ICS1893CF sources the TXCLK and RXCLK signals to the MAC).
Clause 22 also defines as part of the MII a Carrier Sense signal (CRS) and a Collision Detect signal (COL).
The ICS1893CF is fully compliant with these definitions and sources both of these signals to the MAC.
When operating in:
• Half-duplex mode, the ICS1893CF asserts the Carrier Sense signal when data is being either
transmitted or received. While operating in half-duplex mode, the ICS1893CF also asserts its Collision
Detect signal to indicate that data is being received while a transmission is in progress.
• Full-duplex mode, the ICS1893CF asserts the Carrier Sense signal only when receiving data and forces
the Collision Detect signal to remain inactive.
As mentioned in Section 4.1.1.3, “Hot Insertion”, the ICS1893CF design allows hot insertion of its MII. That
is, it is possible to connect its MII to a MAC when power is already applied to the MAC. To support this
functionality, the ICS1893CF isolates its MII signals and tri-states the signals on all Twisted-Pair Transmit
pins (TP_TXP and TP_TXN) during a power-on reset. Upon completion of the reset process, the
ICS1893CF enables its MII and enables its Twisted-Pair Transmit signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com