Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 93 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 93 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 89Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 90Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 91Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 92Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 93Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 94Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 95Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 96Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 97Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 126 page
background image
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
93
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
TXD0
TXD1
TXD2
TXD3
39
40
41
42
Input
Transmit Data 0–3.
• TXD0 is the least-significant bit and TXD3 is the most-significant bit of
the MII transmit data nibble received from the MAC.
• The ICS1893CF samples its TXEN signal to determine when data is
available for transmission. When TXEN is asserted, the signals on a
the TXD[3:0] pins are sampled synchronously on the rising edges of
the TXCLK signal.
TXEN
38
Input
Transmit Enable.
In MII mode:
• The ICS1893CF samples its TXEN signal to determine when data is
available for transmission. When TXEN is asserted, the ICS1893CF
begins sampling the data nibbles on the transmit data lines TXD[3:0]
synchronously with TXCLK. The ICS1893CF then transmits this data
over the media.
• Following the de-assertion of TXEN, the ICS1893CF terminates
transmission of nibbles over the media.
Table 8-7. MAC Interface Pins: Media Independent Interface (MII) (Continued)
Pin
Name
Pin
Number
Pin
Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com