Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 16Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 17Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 18Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 19Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 20Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 21Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 22Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 23Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 24Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
20
Chapter 5 Interface Overviews
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
5.4 Clock Reference Interface
The REF_IN pin provides the ICS1893CF Clock Reference Interface. The ICS1893CF requires a single
clock reference with a frequency of 25 MHz ±50 parts per million. This accuracy is necessary to meet the
interface requirements of the ISO/IEEE 8802-3 standard, specifically clauses 22.2.2.1 and 24.2.3.4. The
ICS1893CF supports two clock source configurations: a CMOS oscillator or a CMOS driver. The input to
REF_IN is CMOS (10% to 90% VDD), not TTL. Alternately, a 25MHz crystal may be used. The Oscillator
specifications are shown in Table 5.2.
Figure 5-2. Crystal or Oscillator Operation
33 pF
REF_IN
47
REF_OUT
46
25.000MHz
33 pF
10 pF
REF_IN
47
REF_OUT
46
CMOS
25.000
MHz
33 Ohm
NC
Crystal
Oscillator
ICS1893CF
ICS1893CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com