Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 49 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 49 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 45Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 46Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 47Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 48Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 49Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 50Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 51Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 53Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
49
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.2.8 Duplex Mode (bit 0.8)
This bit provides a means of controlling the ICS1893CF Duplex Mode. Its operation depends on several
other functions, including the HW/SW input pin and the Auto-Negotiation Enable bit (bit 0.12). When the
ICS1893CF is configured for:
• Hardware mode (that is, the HW/SW pin is logic zero), the ICS1893CF isolates bit 0.8 and uses the
DPXSEL input pin to establish the Duplex mode for the ICS1893CF. In this Hardware mode:
– Bit 0.8 is undefined.
– The ICS1893CF provides a Duplex Mode Status bit (in the QuickPoll Detailed Status Register, bit
17.14), which always shows the setting of an active link.
• Software mode (that is, the HW/SW pin is logic one), the function of bit 0.8 depends on the
Auto-Negotiation Enable bit, 0.12. When the auto-negotiation process is:
– Enabled, the ICS1893CF isolates bit 0.8 and relies upon the results of the auto-negotiation process
to establish the duplex mode.
– Disabled, bit 0.8 determines the Duplex mode. Setting bit 0.8 to logic:
• Zero selects half-duplex operations.
• One selects full-duplex operations. (When the ICS1893CF is operating in Loopback mode, it
isolates bit 0.8, which has no effect on the operation of the ICS1893CF.)
7.2.9 Collision Test (bit 0.7)
This bit controls the ICS1893CF Collision Test function. When an STA sets bit 0.7 to logic:
• Zero, the ICS1893CF disables the collision detection circuitry for the Collision Test function. In this case,
the COL signal does not track the TXEN signal. (The default value for this bit is logic zero, that is,
disabled.)
• One, as per the ISO/IEE 8802-3 standard, clause 22.2.4.1.9, the ICS1893CF enables the collision
detection circuitry for the Collision Test function, even if the ICS1893CF is in Loopback mode (that is, bit
0.14 is set to 1). In this case, the Collision Test function tracks the Collision Detect signal (COL) in
response to the TXEN signal. The ICS1893CF asserts the Collision signal (COL) within 512 bit times of
receiving an asserted TXEN signal, and it de-asserts COL within 4 bit times of the de-assertion of the
TXEN signal.
7.2.10 IEEE Reserved Bits (bits 0.6:0)
The IEEE reserves these bits for future use. When an STA:
• Reads a reserved bit, the ICS1893CF returns a logic zero.
• Writes to a reserved bit, it must use the default value specified in this data sheet.
The ICS1893CF uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the
ICS1893CF, an STA must maintain the default value of these bits. Therefore, ICS recommends that during
any STA write operation, an STA write the default value to all reserved bits, even those bits that are Read
Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com