Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 63 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 63 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 59Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 60Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 61Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 62Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 63Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 64Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 65Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 66Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 67Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
63
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.8 Register 6: Auto-Negotiation Expansion Register
Table 7-13 lists the bits for the Auto-Negotiation Expansion Register, which indicates the status of the
Auto-Negotiation process.
Note: For an explanation of acronyms used in Table 7-13, see Chapter 1, “Abbreviations and Acronyms”.
† As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
7.8.1 IEEE Reserved Bits (bits 6.15:5)
The ISO/IEC specification reserves these bits for future use. When an STA:
• Reads a reserved bit, the ICS1893CF returns a logic zero.
• Writes to a reserved bit, the STA must use the default value specified in this data sheet.
ICS uses some reserved bits to invoke auxiliary functions. To ensure proper operation of the ICS1893CF,
an STA must maintain the default value of these bits. Therefore, IDT recommends that an STA always write
the default value of any reserved bits during all management register write operations.
Reserved bits 5.15:5 are Command Override Write (CW) bits. When the Command Register Override bit
(bit 16.15) is logic:
• Zero, the ICS1893CF isolates all STA writes to CW bits.
• One, an STA can modify the value of these bits
Table 7-13. Auto-Negotiation Expansion Register (register 6 [0x06])
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
6.15
IEEE reserved
Always 0
N/A
CW
–
0†
0
6.14
IEEE reserved
Always 0
N/A
CW
–
0†
6.13
IEEE reserved
Always 0
N/A
CW
–
0†
6.12
IEEE reserved
Always 0
N/A
CW
–
0†
6.11
IEEE reserved
Always 0
N/A
CW
–
0†
0
6.10
IEEE reserved
Always 0
N/A
CW
–
0†
6.9
IEEE reserved
Always 0
N/A
CW
–
0†
6.8
IEEE reserved
Always 0
N/A
CW
–
0†
6.7
IEEE reserved
Always 0
N/A
CW
–
0†
0
6.6
IEEE reserved
Always 0
N/A
CW
–
0†
6.5
IEEE reserved
Always 0
N/A
CW
–
0†
6.4
Parallel detection fault
No Fault
Multiple technologies
detected
RO
LH
0
6.3
Link partner Next Page
able
Link partner is not Next
Page able
Link partner is Next Page
able
RO
–
0
4
6.2
Next Page able
Local device is not Next
Page able
Local device is Next Page
able
RO
–
1
6.1
Page received
Next Page not received
Next Page received
RO
LH
0
6.0
Link partner
Auto-Negotiation able
Link partner is not
Auto-Negotiation able
Link partner is
Auto-Negotiation able
RO
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com