Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 32 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 32 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 28Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 29Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 30Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 31Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 32Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 33Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 34Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 35Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 36Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
32
Chapter 6 Functional Blocks
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.3.6 4B/5B Encoding/Decoding
The 4B/5B encoding methodology maps each 4-bit nibble to a 5-bit symbol (also called a “code group”).
There are 32 five-bit symbols, which include the following:
• Of the 32 five-bit symbols, 16 five-bit symbols are required to represent the 4-bit nibbles.
• The remaining 16 five-bit symbols are available for control functions. The IEEE Standard defines 6
symbols for control, and the remaining 10 symbols of this grouping are invalid. The 6 control symbols
include the following:
– /H/, which represents a Halt, also used to signify a Transmit Error
– /I/, which represents an IDLE
– /J/, which represents the first symbol of the Start-of-Stream Delimiter (SSD)
– /K/, which represents the second symbol of the Start-of-Stream Delimiter (SSD)
– /T/, which represents the first symbol of the End-of-Stream Delimiter (ESD)
– /R/, which represents the second symbol of the End-of-Stream Delimiter (ESD)
If the ICS1893CF PCS receives:
– One of the 10 undefined symbols, it sets its QuickPoll Detailed Status Register’s Invalid Symbol bit
(bit 17.7) to logic one.
– A Halt symbol, it sets the Halt Symbol Detected bit in its QuickPoll Detailed Status Register (bit 17.6)
to logic one.
Note: An STA can force the ICS1893CF to transmit symbols that are typically classified as invalid, by
both (1) setting the Extended Control Register’s Transmit Invalid Codes bit (bit 16.2) to logic one
and (2) asserting the associated TXER signal. For more information, see Section 7.11.7, “Invalid
Error Code Test (bit 16.2)”.
6.4 Functional Block: 100Base-TX TP-PMD Operations
The ICS1893CF supports both 10Base-T and 100Base-TX operations. For 100Base-TX operations, the
TP-PMD module performs stream-cipher scrambling/descrambling and MLT-3 encoding/decoding (3-level,
multi-level transition) in compliance with the ANSI Standard X3.263: 199X FDDI TP-PMD as defined in the
specification for 100Base-TX Twisted-Pair Physical Media Dependent (TP-PMD) Sublayer. The
ICS1893CF’s TP-PMD also performs DC restoration (that is, baseline wander correction) and adaptive
equalization on the received signals.
Note:
1. For an overview of 100Base-TX operations, see Section 4.5, “100Base-TX Operations”.
2. For more information on the Twisted-Pair Interface, see Section 5.3, “Twisted-Pair Interface”.
6.4.1 100Base-TX Operation: Stream Cipher Scrambler/Descrambler
When the ICS1893CF is operating in 100Base-TX mode, it employs a stream cipher
scrambler/descrambler that complies with the ANSI Standard X3.263: 199X FDDI TP-PMD. The purpose of
the stream cipher scrambler is to spread the transmission spectrum to minimize electromagnetic
compatibility problems. The stream cipher descrambler restores the received serial bit stream to its
unscrambled form.
The ICS1893CF “seeds” (that is, initializes) the Transmit Stream Cipher Shift register by using the
ICS1893CF PHY address from Table 7-16, which minimizes crosstalk and noise in repeater applications.
The MAC Interface bypasses the stream cipher scrambler/descrambler when in the 100M Symbol Interface
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com