Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 74 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 74 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 70Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 71Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 72Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 73Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 74Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 75Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 76Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 77Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 78Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
74
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Note: An MDIO read of these bits provides a history of the greatest progress achieved by the
auto-negotiation process. In addition, the MDIO read latches the present state of the
Auto-Negotiation State Machine for a subsequent read.
7.12.4 100Base-TX Receive Signal Lost (bit 17.10)
The 100Base-TX Receive Signal Lost bit indicates to an STA whether the ICS1893CF has lost its
100Base-TX Receive Signal. If this bit is set to a logic:
• Zero, it indicates the Receive Signal has remained valid since either the last read or reset of this register.
• One, it indicates the Receive Signal was lost since either the last read or reset of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit has no definition in 10Base-T mode.
7.12.5 100Base PLL Lock Error (bit 17.9)
The Phase-Locked Loop (PLL) Lock Error bit indicates to an STA whether the ICS1893CF has ever
experienced a PLL Lock Error. A PLL Lock Error occurs when the PLL fails to lock onto the incoming
100Base data stream. If this bit is set to a logic:
• Zero, it indicates that a PLL Lock Error has not occurred since either the last read or reset of this register.
• One, it indicates that a PLL Lock Error has occurred since either the last read or reset of this register.
This bit is a latching high bit. (For more information on latching high and latching low bits, see Section
7.1.4.1, “Latching High Bits” and Section 7.1.4.2, “Latching Low Bits”.)
Note: This bit has no definition in 10Base-T mode.
Table 7-19. Auto-Negotiation State Machine (Progress Monitor)
Auto-Negotiation State Machine
Auto-Negotiation Progress Monitor
Auto-
Negotiation
Complete Bit
(Bit 17.4)
Auto-
Negotiation
Monitor Bit 2
(Bit 17.13)
Auto-
Negotiation
Monitor Bit 1
(Bit 17.12)
Auto-
Negotiation
Monitor Bit 0
(Bit 17.11)
Idle
0000
Parallel Detected
0001
Parallel Detection Failure
0010
Ability Matched
0011
Acknowledge Match Failure
0100
Acknowledge Matched
0101
Consistency Match Failure
0110
Consistency Matched
0111
Auto-Negotiation Completed
Successfully
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com