Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 91 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 91 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 87Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 88Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 89Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 90Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 91Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 92Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 93Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 94Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 95Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
91
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
MDIO
26
Input/
Output
Management Data Input/Output.
The signal on this pin can be tri-stated and can be driven by one of the
following:
• A Station Management Entity (STA), to transfer command and data
information to the registers of the ICS1893CF.
• The ICS1893CF, to transfer status information.
All transfers and sampling are synchronous with the signal on the MDC
pin.
Note: If the ICS1893CF is to be used in an application that uses the
mechanical MII specification, MDIO must have a 1.5 k
Ω ±5%
pull-up resistor at the ICS1893CF end and a 2 k
Ω ±5% pull-down
resistor at the station management end. (These resistors enable
the station management to determine if the connection is intact.)
RXCLK
34
Output
Receive Clock.
The ICS1893CF sources the RXCLK to the MAC interface. The
ICS1893CF uses RXCLK to synchronize the signals on the following pins:
RXD[3:0], RXDV, and RXER. The following table contrasts the behavior
on the RXCLK pin when the mode for the ICS1893CF is either 10Base-T
or 100Base-TX.
Note: The signal on the RXCLK pin is conditioned by the RXTRI pin.
Table 8-7. MAC Interface Pins: Media Independent Interface (MII) (Continued)
Pin
Name
Pin
Number
Pin
Type
Pin Description
10Base-T
100Base-TX
The RXCLK frequency is 2.5
MHz.
The RXCLK frequency is 25 MHz.
The ICS1893CF generates its
RXCLK from the MDI data stream
using a digital PLL. When the MDI
data stream terminates, the PLL
continues to operate,
synchronously referenced to the
last packet received.
The ICS1893CF generates its
RXCLK from the MDI data stream
while there is a valid link (that is,
either data or IDLEs). In the
absence of a link, the ICS1893CF
uses the REF_IN clock to
generate the RXCLK.
The ICS1893CF switches
between clock sources during the
period between when its CRS is
asserted and prior to its RXDV
being asserted. While the
ICS1893CF is locking onto the
incoming data stream, a clock
phase change of up to 360
degrees can occur.
While the ICS1893CF is bringing
up a link, a clock phase change of
up to 360 degrees can occur.
The RXCLK aligns once per
packet.
The RXCLK aligns once, when
the link is being established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com