Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 56 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 56 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 53Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 54Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 55Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 56Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 57Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 58Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 59Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 60Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
56
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
IEEE-Assigned Organizationally Unique Identifier (OUI)
For each manufacturing organization, the IEEE assigns an 3-octet OUI. For Integrated Circuit Systems,
Inc. the IEEE-assigned 3-octet OUI is 00A0BEh. This OUI is retained for backwards compatibility with older
versions of the ICS1893.
The binary representation of an OUI is formed by expressing each octet as a sequence of eight bits, from
least significant to most significant, and from left to right. Table 7-8 provides the ISO/IEC-defined mapping
of the OUI (in IEEE Std. 802-1990 format) to Management Registers 2 and 3.
7.5 Register 3: PHY Identifier Register
Table 7-9 lists the bits for PHY Identifier Register (Register 3), which is one of two PHY Identifier Registers
that are part of a set defined by the ISO/IEC specification. This register stores the following:
• Part of the OUI [see the text in Section 7.4, “Register 2: PHY Identifier Register”]
• Manufacturer’s PHY Model Number
• Manufacturer’s PHY Revision Number
All the bits in the two PHY Identifier Registers are Command Override Write bits. An STA can read them at
any time without condition. However, An STA can modify these register bits only when the Command
Register Override bit (bit 16.15) is enabled with a logic one.
Note: For an explanation of acronyms used in Table 7-5, see Chapter 1, “Abbreviations and Acronyms”.
Table 7-8. IEEE-Assigned Organizationally Unique Identifier
First Octet
Second Octet
Third Octet
000
A
E
B
a
b
c
d
ef
g
h
i
j
k
l
m
n
o
p
qr
s
t
u
v
w
x
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
000
00
0
0
0
0000
0101
011111
0
1
00
1
5
F
1
2.15:12
2.11:8
2.7:4
2.3:0
3.15:12
3.11:10
Register 2
Register 3
Table 7-9. PHY Identifier Register (Register 3 [0x03])
Bit
Definition
When Bit = 0 When Bit = 1 Access
Special
Function
Default
Hex
3.15
OUI bit 19 | s
N/A
N/A
CW
–
1
F
3.14
OUI bit 20 | t
N/A
N/A
CW
–
1
3.13
OUI bit 21 | u
N/A
N/A
CW
–
1
3.12
OUI bit 22 | v
N/A
N/A
CW
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com