Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 83 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 83 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 79Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 80Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 81Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 82Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 83Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 84Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 85Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 86Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 87Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 126 page
background image
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
83
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
Chapter 8 Pin Diagram, Listings, and Descriptions
8.1 ICS1893CF Pin Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VDD
REF_IN
REF_OUT
VDD
CRS
COL
TXD3
TXD2
TXD1
TXD0
TXEN
TXCLK
VSS
RXER
RXCLK
VDD
POAC
VSS
P1CL
P2LI
VSS
P3TD
VDD
P4RD
10/100
AMDIX_EN
VSS
TP_AP
TP_AN
VDD
TP_BN
TP_BP
17
18
19
20
21
22
23
24
VSS
VDD
10TCSR
100TCSR
VSS
VDD
RESET_N
VDD
RXDV
RXD0
RXD1
RXD2
RXD3
MDC
MDIO
VSS
32
31
30
29
28
27
26
25
48L SSOP
ICS1893CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com