Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 90 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 90 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 86Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 87Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 88Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 89Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 90Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 91Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 92Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 93Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 94Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
90
Chapter 8 Pin Diagram, Listings, and Descriptions
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
8.2.4 MAC Interface Pins
This section lists pin descriptions for each of the following interfaces
• Section 8.2.4.1, “MAC Interface Pins for Media Independent Interface”
8.2.4.1 MAC Interface Pins for Media Independent Interface
Table 8-7 lists the MAC Interface pin descriptions for the MII.
Table 8-7. MAC Interface Pins: Media Independent Interface (MII)
Pin
Name
Pin
Number
Pin
Type
Pin Description
COL
43
Output
Collision (Detect).
The ICS1893CF asserts a signal on the COL pin when the ICS1893CF
detects receive activity while transmitting (that is, while the TXEN signal is
asserted by the MAC, that is, when transmitting). When the mode is:
• 10Base-T, the ICS1893CF detects receive activity by monitoring the
un-squelched MDI receive signal.
• 100Base-TX, the ICS1893CF detects receive activity when there are
two non-contiguous zeros in any 10-bit symbol derived from the MDI
receive data stream.
Note:
1. The signal on the COL pin is not synchronous to either RXCLK or
TXCLK.
2. In full-duplex mode, the COL signal is disabled and always remains
low.
3. The COL signal is asserted as part of the signal quality error (SQE)
test. This assertion can be suppressed with the SQE Test Inhibit bit (bit
18.2).
CRS
44
Output
Carrier Sense.
When the ICS1893CF mode is:
• Half-duplex, the ICS1893CF asserts a signal on its CRS pin when it
detects either receive or transmit activity.
• Either full-duplex or Repeater mode, the ICS1893CF asserts a signal
on its CRS pin only in response to receive activity.
Note: The signal on the CRS pin is not synchronous to the signal on
either the RXCLK or TXCLK pin.
MDC
27
Input
Management Data Clock.
The ICS1893CF uses the signal on the MDC pin to synchronize the
transfer of management information between the ICS1893CF and the
Station Management Entity (STA), using the serial MDIO data line. The
MDC signal is sourced by the STA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com