Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFLF Datasheet(PDF) 33 Page - Integrated Circuit Systems

Part # ICS1893CFLF
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFLF Datasheet(HTML) 33 Page - Integrated Circuit Systems

Back Button ICS1893CFLF Datasheet HTML 29Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 30Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 31Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 32Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 33Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 34Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 35Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 36Page - Integrated Circuit Systems ICS1893CFLF Datasheet HTML 37Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 126 page
background image
Chapter 6 Functional Blocks
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
33
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.4.2 100Base-TX Operation: MLT-3 Encoder/Decoder
When operating in the 100Base-TX mode, the ICS1893CF TP-PMD sublayer employs an MLT-3 encoder
and decoder. During data transmission, the TP-PMD encoder converts the NRZI bit stream received from
the PMA sublayer to a 3-level Multi-Level Transition code. The three levels are -1, 0, and +1. The results of
MLT-3 encoding provide a reduction in the transmitted energy over the critical frequency range from 20
MHz to 100 MHz. The TP-PMD MLT-3 decoder converts the received three-level signal back to an NRZI bit
stream.
6.4.3 100Base-TX Operation: DC Restoration
The ICS1893CF’s 100Base-TX operations uses a stream-cipher scrambler to minimize peak amplitudes in
the frequency spectrum. However, the nature of the stream cipher and MLT-3 encoding is such that long
sequences of consecutive zeros or ones can exist. These unbalanced data patterns produce an
undesirable DC component in the data stream known as ‘baseline wander’.
Baseline wander adversely affects the noise immunity of the receiver, because the ‘baseline’ signal moves
or ‘wanders’ from its nominal DC value. The ICS1893CF uses a unique technique to restore the DC
component ‘lost’ by the medium. As a result, the design is very robust, immune to noise and independent
of the data stream.
6.4.4 100Base-TX Operation: Adaptive Equalizer
The ICS1893CF has a TP-PMD sublayer that uses adaptive equalization circuitry to compensate for signal
amplitude and phase distortion incurred from the transmission medium. At a data rate of 100 Mbps, the
transmission medium (that is, the cable) introduces significant signal distortion because of high-frequency
attenuation and phase shift. The high-frequency loss occurs primarily because of the cable skin effect that
causes the conductor resistance to rise as the square of the frequency rises.
The ICS1893CF has an adaptive equalizer that accurately compensates for these losses in shielded
twisted-pair (STP) and unshielded twisted-pair (UTP) cables. The DSP-based adaptive equalizer uses a
technique that compensates for a wide range of cable lengths. The optimizing parameter for the
equalization process is the overall bit error rate of the ICS1893CF. This technique closes the loop on the
entire data reception process and provides a very high overall reliability.
6.4.5 100Base-TX Operation: Twisted-Pair Transmitter
The ICS1893CF uses the same Twisted-Pair Transmit pins (TP_TXP and TP_TXN) for both 10Base-T and
100Base-TX operations. Each twisted-pair transmitter module is a current-driven, differential driver that can
supply either of the following:
• A two-level 10Base-T (that is, Manchester-encoded) signal
• A three-level 100Base-TX (that is, MLT-3 encoded) signal
The ICS1893CF interfaces with the medium through an isolation transformer (sometimes referred to as a
magnetic module). The ICS1893CF’s transmitter uses wave-shaping techniques to control the output
signal rise and fall times (thereby eliminating the need for external filters) and interfaces directly to the
isolation transformer.
Note:
1. In reference to the ICS1893CF, the term ‘Twisted-Pair Transmitter’ refers to the set of Twisted-Pair
Transmit output pins (TP_TXP and TP_TXN).
2. For information on the 10Base-T Twisted-Pair Transmitter, see Section 6.5.11, “10Base-T Operation:
Twisted-Pair Transmitter”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com