Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 31 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 31 Page - Analog Devices

Back Button LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
31 of 62
Table 7. Description of Data Formats
DATA
FORMAT
DATA FORMAT
NAME
DESCRIPTION
L11
Linear_5s_11s
PMBus Data field b[15:0]
Value = Y x 2N
where, N = b[15:11] is a 5-bit 2’s complement integer and Y = b[10:0] is a 11-
bit 2’s complement integer.
Example:
For b[15:0] = 0xCAC0 = ‘b1100_1010_1100_0000 (Y = 010_1100_0000; N =
11001)
Value = 704 x 2−7 = 5.5
L16
Linear_16u
PMBus Data Field b[15:0]
Value = Y x 2N
where, Y = b[15:0] is an unsigned integer and N = VOUT_MODE[4:0] is a 5-bit
2’s complement signed integer, hardwired to -13 decimal.
Example:
For b[15:0] = 0xA000 = ‘b1010_0000_0000_0000
Value = 40960 x 2−13 = 5
Reg
Register
PMBus Data Field b[15:0] or b[7:0]
Bit field meaning is defined in detail in the PMBus Command Details section.
ASC
Ascii Format
A variable length string of text characters conforming to ISO/IEC 9959-1
standard.
Output Voltage
The LT3074 incorporates a 100µA precision current source flowing out of the SETRES pin, which also connects to the
noninverting input of the error amplifier through an RC filter network (see the Output Noise and Fast Start sections
for more details). Connecting a resistor from the SETRES pin to ground generates a reference voltage for the error
amplifier. This reference voltage is the product of the SETRES pin current and the SETRES pin resistance. The unity-
gain configuration of the error amplifier produces a low-impedance version of this voltage at the SENSE pin, which
is the inverting input of the error amplifier. The SENSE pin is externally connected to the OUT pin.
The benefit of using current reference compared to the typical voltage reference used in conventional regulators is
that the regulator always operates in unity-gain configuration, independent of the programmed output voltage. This
configuration allows the LT3074 to have loop gain, frequency response, and bandwidth independent of the output
voltage. As a result, noise, PSRR, and transient performance do not change with the output voltage. Moreover,
because none of the error amplifier gain is needed to amplify the SETRES pin voltage to a higher output voltage,
output load regulation is more tightly specified in the hundreds of microvolts range and not as a fixed percentage of
the output voltage.
Because the zero temperature-coefficient current source is highly accurate, the SETRES pin resistor can become a
limiting factor in achieving high accuracy. Therefore, the SETRES pin resistor must be a precision resistor. Table 8
lists many common output voltages and their corresponding 1% SETRES pin resistance values. Additionally, any
leakage paths to or from the SETRES (or SETCAP) pin create errors in the output voltage. Leakages on the SETCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com