Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 22 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
22 of 62
Figure 46. Programmable ILIM at 1A
Figure 47. Fast Start Threshold
Figure 48. Fast Start Current
Figure 49. SCL/SDA Input Thresholds
Figure 50. SCL/SDA Input Hysteresis
Figure 51. SDA/ALERT VOL
VIN = 1.2V
VSET = 1.0V
ILIM = 1A
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
VIN = 1.2V
VOUT = 1V
VBIAS = 2.5V
TURN ON
TURN OFF
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
VIN = 1.2V
VOUT = 1V
VBIAS = 2.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
3.00
2.00
1.75
1.50
1.25
2.75
2.50
2.25
1.00
SCLVIH
SCLVIL
SDAVIH
SDAVIL
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0.90
0.96
1.02
1.08
1.14
1.20
1.26
1.32
1.38
1.44
1.50
SCL
SDA
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
180
190
200
210
220
230
240
250
260
270
280
SDAVOL
ISINK = 6mA
ALERTVOL
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0.27
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com