Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 40 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
40 of 62
Figure 87. Evaluation Board Layout
High Efficiency Linear Regulator – Input-to-Output Voltage Control
The VIOC pin controls an upstream switching converter to maintain a constant voltage across the LT3074, regardless
of the LDO’s output voltage. This maximizes efficiency while maintaining PSRR performance. The VIOC pin is the
output of a fast amplifier and equals (VIN − VOUT) + 800mV. As shown in Figure 88, the VIOC feature is simple to use. In
the case of switching converters with feedback voltage, VFB ≥ 1V, connect the VIOC pin to the upstream switching
converter’s feedback (FB) pin. This regulates the LT3074 device’s input-to-output differential to the switching
converter’s feedback voltage minus 800mV. When paralleling multiple LT3074 devices, connect the VIOC pin of one
of the LT3074 device to the switching converter’s FB pin and float all other VIOC pins. When LT3074 is turned off, VINLDO
is clamped to a voltage set by VFBSWITCHER × (R1 + R2)/R1.
Figure 88. Basic VIOC Operation
While the VIOC buffer is inside the switching converter’s feedback loop, given the VIOC buffer’s high bandwidth, the
switching converter’s frequency compensation need not be adjusted. Phase delay through the VIOC buffer is typically
less than 2° for frequencies as high as 100kHz. Hence, within the switching converter’s bandwidth (usually much less
than 100kHz), the VIOC buffer is transparent and acts like an ideal wire.
CSETCAP
4.7µF
COUT
10µF
CIN
RPG1
30kΩ
RPG2
15kΩ
RSETRES
5kΩ
800mV
51kΩ
RASELTOP
RASELBOT
0.47µF
2.2µF
LSW
R1
R2
LT3074
BIAS
BIASDF
IN
OUT
SENSE
SETCAP
IMON
SDA
SCL
ALERT
ASEL
AGND
EN
VINLDO
VOUTLDO = 0.5V
IOUT(MAX) = 3A
VIOC
PG
CLKDIS
SETRES
BIASAF
DGND
PGFB
1×
+
–
VBIAS
SW
FB
VIN
EN/UV
VIN
UPSTREAM
DC-DC
CONVERTER
VFB >= 1V
VFBSWITCHER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com