Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 60 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 60 Page - Analog Devices

Back Button LT3045 Datasheet HTML 54Page - Analog Devices LT3045 Datasheet HTML 55Page - Analog Devices LT3045 Datasheet HTML 56Page - Analog Devices LT3045 Datasheet HTML 57Page - Analog Devices LT3045 Datasheet HTML 58Page - Analog Devices LT3045 Datasheet HTML 59Page - Analog Devices LT3045 Datasheet HTML 60Page - Analog Devices LT3045 Datasheet HTML 61Page - Analog Devices LT3045 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
60 of 62
EVALUATION BOARDS
Table 26. Evaluation Boards
Model 1
Description
EVAL-LT3074-AZ
Evaluation Board
1
The TBD is RoHS compliant.
RELATED PARTS
Table 27. Related Parts
PART NUMBER
DESCRIPTION
COMMENTS
LT3073
3A, Ultralow Noise, High PSRR,
45mV Dropout Ultrafast Linear
Regulator
45mV Dropout Voltage, Digitally Programmable
VOUT: 0.5V to 4.2V, Digital Output Margining: ±2.5%,
Ultralow Output Noise: 1.2µVRMS (10Hz to 100kHz),
Direct Parallelable, Soft-Start, Stable with Low ESR
Ceramic Capacitance (10µF Minimum), 22-Lead
3mm × 4mm LQFN package.
LT3070-1
5A, Low Noise, Programmable
VOUT, 85mV Dropout Linear
Regulator with Digital Margining
85mV Dropout Voltage, Digitally Programmable
VOUT: 0.8V to 1.8V, Digital Output Margining: ±1%,
±3% or ±5%, Low Output Noise:25μVRMS; Directly
Parallelable, Soft-Start, Stable with Low ESR
Ceramic Output Capacitors (15μF Minimum), 28-
Lead 4mm × 5mm QFN Package.
LT3072
Dual, Low Noise, 2.5A
Programmable Output, 80mV Low
Dropout Linear Regulator
Dual, Independent 2.5A Outputs, Dropout Voltage:
80mV, Low Output Noise: 12μVRMS(10Hz to 100kHz),
Digitally Programmable VOUT: 0.6V to 2.5V, Output
Tolerance: ±1.25%/±1.5% Overload, Line, and
Temperature, Analog Output Margining: ±10%
Range, 36-Lead 4mm × 7mm QFN Package.
ADP1763
3A, Low VIN, Low Noise, CMOS
Linear Regulator
95mV Dropout, Fixed (0.9V to 1.5V) and Adjustable
(0.5V to 1.5V) VOUT, VIN = 1.1V to 1.98V, 2µVRMS Noise
(100Hz to 100kHz), Programmable Soft-Start,
Direct Parallelable, Stable with Ceramic Capacitors
(10µF Minimum), AEC-Q100 qualified, 16-Lead 3mm
x 3mm LFCSP Package.
ADP1765
5A, Low VIN, Low Noise, CMOS
Linear Regulator
59mV Dropout, Fixed (0.55V to 1.5V) and Adjustable
(0.5V to 1.5V) VOUT, VIN = 1.1V to 1.98V, 2µVRMS Noise
(100Hz to 100kHz), Programmable Soft-Start,
Direct Parallelable, Stable with Ceramic Capacitors
(22µF minimum), 16-Lead 3mm x 3mm LFCSP
Package.
MAX38907
4A, High-Performance LDO Linear
Regulator
79mV Dropout, Digitally Programmable VOUT: 0.6V
to 5V, VIN = 0.9V to 5.5V, Digital Margining: ±5%,
Programmable Soft Start, Reverse Current
Protection, Active Discharge, 20-Lead 5mm x 5mm
TQFN Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com