Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 35 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 35 Page - Analog Devices

Back Button LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
35 of 62
High Vibration Environments
Voltage and temperature coefficients are not the only sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates voltage across its terminals due to mechanical stress, similar
to how a piezoelectric microphone works. For a ceramic capacitor, this stress can be induced by mechanical
vibrations within the system or due to thermal transients.
LT3074 applications in high-vibration environments have three distinct, piezoelectric noise generators; ceramic
output, input, and SETCAP pin capacitors. However, due to the low output impedance over a wide frequency range
for the LT3074, negligible output noise is generated using a ceramic output capacitor. Similarly, due to the high PSRR
of the LT3074, negligible output noise is generated using a ceramic input capacitor.
Nonetheless, given the high SETCAP pin impedance, any piezoelectric response from the SETCAP pin capacitor
generates significant output noise, peak-to-peak excursions of hundreds of mV. However, due to the high ESR and
ESL tolerance of the SETCAP pin capacitor, any non-piezoelectrically responsive (tantalum, electrolytic, or film)
capacitor can be used at the SETCAP pin, although electrolytic capacitors tend to have high 1/f noise. In any case,
use of a surface mount capacitor is highly recommended. Due to its reduced piezoelectric response, Analog Devices
recommends using the Murata GCJ series ceramic capacitors for CSETCAP.
Stability and Input Capacitance
The LT3074 is stable with a minimum 10µF IN pin capacitor. Analog Devices recommends using low ESR ceramic
capacitors to minimize instantaneous voltage drops under large load transient conditions. Large VIN drops during
large load transients may cause the regulator to enter dropout with the corresponding degradation in load transient
response. Therefore, increased input and output capacitance values may be necessary depending on an
application’s requirements. Sufficient input capacitance is critical as the circuit is intentionally operated close to
dropout to minimize power. Ideally, the output impedance of the supply that powers the IN pins should be less than
20mΩ to support a 3A load with large transients.
In cases where long wires connect the power supply to the input and ground terminals of the LT3074, the use of low
value input capacitors combined with large load current can result in instability. The resonant LC tank circuit formed
by the wire inductance and the input capacitor is the cause of this instability and not the LT3074. The self-inductance,
or isolated inductance, of a wire is directly proportional to its length. The wire diameter, however, has less influence
on its self-inductance. For example, the self-inductance of a 2-AWG isolated wire with a diameter of 0.26” is about
half the inductance of a 30-AWG wire with a diameter of 0.01”. One foot of 30-AWG wire has 465nH of self-inductance.
Several methods exist to reduce the self-inductance of a wire. One method divides the current flowing towards the
LT3074 between two parallel conductors. In this case, placing the wires further apart reduces the inductance; up to
50% reduction when placed only a few inches apart. Splitting the wires connects two equal inductors in parallel.
However, when placed close to each other, their mutual inductance adds to the overall self-inductance of the wires;
therefore, a 50% reduction is not possible in such cases. The second and more effective technique to reduce the
overall inductance is to place the forward and return current conductors (the input and ground wires) close to each
other. Two 30-AWG wires separated by 0.02” reduce the overall inductance to about one-fifth of a single wire.
If the LT3074 is powered by a battery mounted near the ground and power planes on the same circuit board, a 10µF
capacitor suffices. If a distant supply powers the LT3074, use a low ESR, large value input capacitor on the order of
220µF. As power supply output impedance varies, the minimum input capacitance needed for application stability
also varies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com