Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
21 of 62
Figure 40. IMON Pin Voltage
Figure 41. IMON Pin Voltage
Figure 42. IMON Pin Voltage
Figure 43. Internal Current Limit
Figure 44. Programmable ILIM at 3A
Figure 45. Programmable ILIM at 2A
VIN = 1.2V
VOUT = 1.0V
ILOAD = 3A
VBIAS = 2.5V
VBIAS = 5.0V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
980
984
988
992
996
1000
1004
1008
1012
1016
1020
VIN = 1.2V
VOUT = 1.0V
ILOAD = 2A
VBIAS = 2.5V
VBIAS = 5.0V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
640
645
650
655
660
665
670
675
680
685
690
VIN = 1.2V
VOUT = 1.0V
ILOAD = 1A
VBIAS = 2.5V
VBIAS = 5.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
300
306
312
318
324
330
336
342
348
354
360
VIN = 1.3V
VOUT = 0V
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
4.00
4.15
4.30
4.45
4.60
4.75
4.90
5.05
5.20
5.35
5.50
VIN = 1.2V
VSET = 1.0V
ILIM = 3A
VBIAS = 2.375V
VBIAS = 5.0V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
VIN = 1.2V
VSET = 1.0V
ILIM = 2A
VBIAS = 2.375V
VBIAS = 5.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com