Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 32 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
32 of 62
pin are worse than that on the SETRES pin as the leakage current flows through the filter resistor creating additional
voltage drop. If necessary, use high-quality insulation (for example, Teflon or Kel-F). Moreover, cleaning of all
insulating surfaces to remove fluxes and other residues can be required. High humidity environments can require a
surface coating at the SETRES and SETCAP pins to provide moisture barrier.
Minimize board leakage by encircling the SETRES and SETCAP pins with a guard ring that operates at a potential
close to itself, ideally connected to the OUT pins. Guarding both sides of the circuit board is recommended. Bulk
leakage reduction depends on the guard ring width. Leakages of 100nA into or out of the SETRES creates a 0.1% or
more error in the reference voltage. Leakages of this magnitude, coupled with other sources of leakage, can cause
significant errors in the output voltage, especially over a wide operating temperature range. Figure 82 illustrates a
typical guard ring layout.
Table 8. 1% Resistors for Common Output Voltages
VOUT (V)
RSETRES (kΩ)
0.5
4.99
0.8
8.06
1.0
10.0
1.2
12.1
2.5
24.9
3.3
33.2
Figure 82. Guard Ring Layout
Output Sensing
The SENSE pin of the LT3074 provides a Kelvin-sense connection to the output capacitor. The GND side of the SETRES
pin resistor and the SETCAP pin capacitor provide a Kelvin-sense connection to the GND side of the output capacitor
(see Figure 83). The LT3074 corrects for the parasitic package and the PCB trace resistance drops when the SENSE
pin is Kelvin connected to the output capacitor. The LT3074 handles moderate levels of output line impedance, but
excessive impedance between OUT pin and the output capacitor causes an excessive phase shift in the feedback
loop and adversely affects stability. This Kelvin connection also regulates the output voltage at the output capacitor,
which optimizes noise, PSRR, load transient, and regulation performance. All measured at the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com