Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 61 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 61 Page - Analog Devices

Back Button LT3045 Datasheet HTML 54Page - Analog Devices LT3045 Datasheet HTML 55Page - Analog Devices LT3045 Datasheet HTML 56Page - Analog Devices LT3045 Datasheet HTML 57Page - Analog Devices LT3045 Datasheet HTML 58Page - Analog Devices LT3045 Datasheet HTML 59Page - Analog Devices LT3045 Datasheet HTML 60Page - Analog Devices LT3045 Datasheet HTML 61Page - Analog Devices LT3045 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
61 of 62
PART NUMBER
DESCRIPTION
COMMENTS
LT3041
20V, 1A, Ultralow Noise, Ultrahigh
PSRR Linear Regulator with VIOC
Control
1µVRMS Noise (10Hz to 100kHz), 8µVP-P Noise (0.1Hz
to 10Hz), 80dB PSRR at 1MHz, VIN = 2.2V to 20V, VOUT
= 0.2V to 15V, 310mV Dropout, Direct Parallelable,
Programmable Current Limit, and Power Good,
Stable with Low ESR Ceramic Capacitors (2x 10µF
Minimum), 14-Lead 4mm x 3mm DFN Package.
LT3045
500mA, Ultralow Noise and
Ultrahigh PSRR LDO
0.8μVRMSNoise and 75dB PSRR at 1MHz, VIN= 1.8V to
20V, 260mV Dropout Voltage, 3mm × 3mm DFN and
MSOP Packages.
LT3042
200mA, Ultralow Noise and
Ultrahigh PSRR LDO
0.8μVRMSNoise and 79dB PSRR at 1MHz, VIN= 1.8V to
20V, 350mV Dropout Voltage, Programmable
Current Limit and Power Good, 3mm × 3mm DFN
and MSOP Packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com