Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 55 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 55 Page - Analog Devices

Back Button LT3045 Datasheet HTML 51Page - Analog Devices LT3045 Datasheet HTML 52Page - Analog Devices LT3045 Datasheet HTML 53Page - Analog Devices LT3045 Datasheet HTML 54Page - Analog Devices LT3045 Datasheet HTML 55Page - Analog Devices LT3045 Datasheet HTML 56Page - Analog Devices LT3045 Datasheet HTML 57Page - Analog Devices LT3045 Datasheet HTML 58Page - Analog Devices LT3045 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
55 of 62
MFR_BIAS_UV_WARN_LIMIT
The MFR_BIAS_UV_WARN_LIMIT command sets the value of the bias voltage measured at the BIAS pin, in Volts, which
causes a bias voltage low warning. The bias voltage measured and converted by the ADC (and reported using the
MFR_READ_VBIAS command) is used to compare the actual bias voltage to the limit value. As a result, there can be
up to a 20ms delay from the time the bias voltage hits the limit to the time the fault is reported. Transitionary faults
that last for a time period smaller than the ADC conversion time are filtered out and not reported.
In response to the MFR_BIAS_UV_WARN_LIMIT being exceeded, the device:
Sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register.
Sets the MFRSPECIFIC bit in the STATUS_WORD register.
Sets the VBIAS_UV_WARNING bit in the STATUS_MFR_SPECIFIC register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_5s_11s format.
MFR_IOUT_MIN_WARN_LIMIT
The MFR_IOUT_MIN_WARN_LIMIT command sets the value of the minimum output current, in Amperes, which
causes an output low current warning. This command can be used to detect open connections from the output of
the LT3074 to the load device. The output current measured and converted by the ADC (and reported using the
READ_IOUT command) is used to compare the actual output current to the limit value. As a result, there can be up
to a 14ms delay from the time the output current hits the limit to the time the fault is reported. Transitionary faults
that last for a time period smaller than the ADC conversion time are filtered out and not reported.
In response to the MFR_IOUT_MIN_WARN_LIMIT being exceeded, the device:
Sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register.
Sets the MFRSPECIFIC bit in the STATUS_WORD register.
Sets the IOUT_MIN_WARNING bit in the STATUS_MFR_SPECIFIC register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_5s_11s format.
If the LT3074 is powered on without a preload greater than the default value set by MFR_MIN_IOUT_WARN_LIMIT
register, the LT3074 asserts a fault once it completes the start-up procedure.
MFR_SPECIAL_ID
The MFR_SPECIAL_ID command is used by the LTPowerPlay GUI for device identification. This read-only command
has two data bytes.
MFR_DEFAULT_CONFIG
The MFR_DEFAULT_CONFIG command is used to notify the host if any of the write-able registers of the LT3074 have
been modified. A value of 0x01 indicates that all write-able registers are in their default configuration (as set upon a
power on or a reset event). A value of 0x00 indicates that at least one write-able register has been modified from its
default status. This command can be used to detect a BIAS UVLO event.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com