Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 25 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
25 of 62
Figure 64. Noise Spectral Density
Figure 65. Noise Spectral Density
Figure 66. Noise Spectral Density
Figure 67. Noise Spectral Density
Figure 68. Integrated RMS Noise (10Hz to 100kHz)
Figure 69. Integrated RMS Noise (10Hz to 100kHz)
ILOAD = 3A
COUT = 22µF
CSETCAP = 4.7µF
VIN = VOUT + 0.3V
VBIAS = 5.5V
VOUT = 0.5V
VOUT = 1V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 4.2V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
300
VIN = 1.3V
VOUT = 1V
VBIAS = 5.5V
CSETCAP = 4.7µF
ILOAD = 3A
COUT = 22µF
COUT = 10µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
VIN = VOUT + 300mV
COUT = 22µF
CSETCAP = 4.7µF
ILOAD = 3A
CLKDIS = HIGH
CLKDIS = LOW
CLKDIS = LOW, LTPowerPlay ON
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0.1
1
10
100
IIN = 1.3V
VOUT = 1V
VBIAS = 3.3V
ILOAD = 3A
COUT = 22µF
CSETCAP = 4.7µF
VIN = 1.3V
VOUT = 1V
VBIAS 3.3V
COUT = 22µF
SETCAP = 4.7µF
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.4
0.8
1.2
1.6
2.0
VIN = VOUT + 0.3V
VBIAS = 5.5V
CSETCAP = 4.7µF
COUT = 22µF
ILOAD = 3A
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com