Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 33 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
33 of 62
Figure 83. Output Capacitor, SETCAP Capacitor, and SETRES Resistor Connections for Best Performance
Stability and Output Capacitance
The LT3074 requires a minimum output capacitance of 10µF for stability. Analog Devices recommends the use of low
ESR, X5R, or X7R ceramic capacitors near the LT3074 OUT and GND pins. Include wide routing planes for OUT and
GND to minimize inductance. If possible, mount the regulator immediately adjacent to the application load to
minimize distributed inductance for optimal load transient performance. Point-of-load applications present the best
case layout scenario for extracting the full LT3074 performance.
Additional ceramic capacitors distributed beyond the immediate decoupling capacitors are acceptable and
recommended at the point of load because the distributed PCB inductance isolates them from primary
compensation capacitors.
Many of the applications in which the LT3074 excels, such as field programmable gate arrays (FPGA), application-
specific integrated circuit (ASIC) processors, or digital signal processors (DSP) supplies, typically require a high-
frequency decoupling capacitor network for the device being powered. This network generally consists of many low-
value ceramic capacitors in parallel. In parallel, multiple low-value capacitors present a favorable frequency
characteristic that reduces the parasitic inductance of the capacitors.
Given the high PSRR and low noise performance attained using a single 10µF ceramic output capacitor, larger values
of output capacitors are not necessary. However, these capacitors can still improve the performance. See the Typical
Performance Characteristics section for additional information. Moreover, larger output capacitance does decrease
peak output deviations during a load transient. Note that bypass capacitors used to decouple individual components
powered by the LT3074 increase the effective output capacitance.
Give extra consideration to the type of ceramic capacitors used. The capacitors are manufactured with a variety of
dielectrics, each with different behaviors across temperature and applied voltage. The most common dielectrics
used are specified with electronic industries alliance (EIA) temperature characteristic codes of Z5U, Y5V, X5R, and
X7R. The Z5U and Y5V dielectrics are good for providing high capacitance in the small packages, but these dielectrics
tend to have stronger voltage and temperature coefficients, as shown in Figure 84 and Figure 85. When used with a
5V regulator, a 16V, 10µF Y5V capacitor can exhibit an effective value as low as 1µF to 3µF for the DC bias voltage
applied over the operating temperature range.
CSETCAP
4.7µF
COUT
10µF
CIN
47µF
CBIASDF
0.47µF
MPWR
RPG
IREF
RFS
RSETRES
RASELBOT
RASELTOP
RSMBALERT
RSCL
RSDA
CBIASAF
2.2µF
RPG2
RPG1
RPAR
LT3074
BIAS
BIASDF
IN
OUT
SENSE
SETCAP
IMON
SDA
SCL
ALERT
ASEL
AGND
EN/UV
VIN
VOUT +0.1V TO 5.5V
VBIAS
2.375V TO 5.5V
VOUT
0.5V TO 4.2V
3A MAX IOUT
VIOC
PG
CLKDIS
SETRES
BIASAF
TO PMBus
CONTROLLER
DGND
PGFB
PARASITIC
TRACE RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com