Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
8 of 62
(All typical specifications are at TJ(junction temperature). = 25°C and all min. and max. specifications are across
the entire operating temperature range, unless otherwise noted. COUT = 22µF, CSETCAP = 4.7µF, CBIASAF = 2.2µF,
and CBIASDF = 0.47µF, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Temperature Readback
tREFRESH_TEMP Refresh Rate
TJ = 25°C
46.08
msec
Digital Inputs (SCL, SDA)
VIH
Input High Voltage
1.35
V
VIL
Input Low Voltage
0.8
VHYST
Input Hysteresis TJ = 25°C
0.235
CPIN
Input Capacitance
10
pF
Open Drain Outputs
(SCL, SDA, ALERT )
VOL
Output Low Voltage, ISINK = 6mA
0.4
V
ILEAK
Output Leakage Current, 0V ≤ VPIN ≤
5.5V
5
µA
Serial Bus Operating
Frequency
fSCL
10
400
kHz
Bus Free Time Between
Start and Stop
tBUF
1.3
µsec
Hold Time After Start
Condition (after this
period, the first clock is
generated).
tHD(STA)
0.6
µsec
Repeated Start
Condition Setup Time
tSU(STA)
0.6
10000
µsec
Stop Condition Setup
Time
tSU(STO)
0.6
µsec
Data Hold Time
tHD(DAT)
Receiving Data
0
µsec
Sending Data
0.3
0.9
Data Setup Time
tSU(DAT)
0.1
µsec
Stuck PMBus Timer
tTIMEOUT_SMB
35
msec
Serial Clock Low Period
tLOW
1.3
10000
µsec
Serial Clock High Period
tHIGH
0.6
µsec
.
1
To maintain proper performance and regulation, the BIAS voltage must satisfy the following conditions: 2.375V
≤ VBIAS ≤ 5.5V and VBIAS ≥ (VOUT + 1.2V).
2
Dropout voltage, VDO, is the minimum input-to-output voltage differential at a specified output current. In
dropout, the output voltage equals VIN – VDO.
3
Operating conditions are limited by maximum junction temperature. The regulated output voltage specification
does not apply for all possible combinations of input voltage and output current. When operating at maximum
output current, limit the input voltage range to VIN ≤ VOUT + 600mV.
4
The temperature reported represents the average temperature of the LT3074’s power device. Due to power
dissipation, temperature gradients, and thermal time constants across the die, the reported temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com