Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
23 of 62
Figure 52. IN Pin PSRR
Figure 53. IN Pin PSRR
Figure 54. IN Pin PSRR
Figure 55. IN Pin PSRR
Figure 56. IN Pin PSRR
Figure 57. IN Pin PSRR
VOUT = 1V
VIN = VOUT + 0.3V
VBIAS = 5V
COUT = 22µF
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
OUT
LOAD
BIAS
OUT
IN
IN
IN
IN
IN
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
VBIAS = 5V
VBIAS = 3.3V
VBIAS = 2.375V
VOUT = 1V
ILOAD = 3A
VIN = 1.3V
COUT = 22µF
COUT = 22µF
COUT = 10µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT = 1V
ILOAD = 3A
VIN = 1.3V
VBIAS = 5V
VOUT = 0.5V
ILOAD = 3A
VIN = 0.8V
VBIAS = 2.375V
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120
VOUT = 3.3V
ILOAD = 3A
VIN = 3.6V
VBIAS = 4.5V
COUT = 22µF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
110
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com