Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
18 of 62
Figure 22. IGND vs. BIAS
Figure 23. IGND vs. BIAS
Figure 24. IBIAS vs. Load
Figure 25. IBIAS vs. Temperature
Figure 26. IBIAS vs. Temperature in NAP
Figure 27. IBIAS vs. Load in Dropout
8
VIN = 0.8V
VOUT = 0.5V
CLKDISABLE = 0V
ILOAD = 50mA
ILOAD = 3A
7
6
5
4
3
2
1
2.0
2.5
3.0
2.5
4.0
BIAS VOLTAGE (V)
4.5
5.0
5.5
6.0
0
VIN = 0.8V
VOUT = 0.5V
CLKDISABLE = 0V
ILOAD = 50mA
–55°C
–40°C
+125°C
+150°C
2.0
2.5
3.0
2.5
4.0
BIAS VOLTAGE (V)
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
14
16
18
20
VIN = 1.5V
VOUT = 1.2V
VBIAS = 2.5V
CLKDISABLE = 0V
–55°C
–40°C
+25°C
+125°C
+150°C
ILOAD (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
1
2
3
4
5
6
7
8
9
10
VIN = 1.5V
VOUT = 1.2V
VBIAS = 2.5V
CLKDISABLE = 0V
ILOAD = 10mA
ILOAD = 3A
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
10
VEN = 0V
VBIAS = 5V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
VIN = VOUT = 1V
+25°C
VBIAS = 2.375V
VBIAS = 5.5V
ILOAD (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com