Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 2Page - STMicroelectronics STMPE2401 Datasheet HTML 3Page - STMicroelectronics STMPE2401 Datasheet HTML 4Page - STMicroelectronics STMPE2401 Datasheet HTML 5Page - STMicroelectronics STMPE2401 Datasheet HTML 6Page - STMicroelectronics STMPE2401 Datasheet HTML 7Page - STMicroelectronics STMPE2401 Datasheet HTML 8Page - STMicroelectronics STMPE2401 Datasheet HTML 9Page - STMicroelectronics STMPE2401 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Pin settings
STMPE2401
6/55
2
Pin settings
2.1
Pin connection
Figure 2.
Pin connection
2.2
Pin assignment and TFBGA ball location
TFBGA
Table 1. Pin assignment
Ball
Name
Type
Name and function
C3
GND
-
C2
KP_X0
IO
GPIO
C1
Reset_N
I
External reset input, active LOW
B1
KP_X1
IO
GPIO
A1
KP_X2
IO
GPIO
B2
KP_X3
IO
GPIO
A2
KP_X4
IO
GPIO
B3
KP_X5
IO
GPIO
A3
KP_X6
IO
GPIO
C4
GND
-
A4
VCC1
-
1.8V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com