Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 26Page - STMicroelectronics STMPE2401 Datasheet HTML 27Page - STMicroelectronics STMPE2401 Datasheet HTML 28Page - STMicroelectronics STMPE2401 Datasheet HTML 29Page - STMicroelectronics STMPE2401 Datasheet HTML 30Page - STMicroelectronics STMPE2401 Datasheet HTML 31Page - STMicroelectronics STMPE2401 Datasheet HTML 32Page - STMicroelectronics STMPE2401 Datasheet HTML 33Page - STMicroelectronics STMPE2401 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
GPIO controller
STMPE2401
30/55
10.2
GPIO alternate function register (GPAFR)
GPAFR is to select the functionality of the GPIO pin. To select a function for a GPIO pin, a
bit-pair in the register (GPAFR_U or GPAFR_L) has to be set.
Register name
Function
GPIO Edge Detect Status
Set to ‘1’ by hardware when there is a rising/falling edge on the corre-
sponding GPIO. Writing ‘1’ clears the bit. Writing ‘0’ has no effect.
GPIO Rising Edge
Set to ‘1’ to enable rising edge detection on the corresponding GPIO.
GPIO Falling Edge
Set to ‘1’ to enable falling edge detection on the corresponding GPIO.
GPIO Pull Up
Set to ‘1’ to enable internal pull-up resistor
GPIO Pull Down
Set to ‘1’ to enable internal pull-down resistor
Table 28. Bit’s function
GPAFR_U_msb
Bit
23
22212019181716
AF23
AF22
AF21
AF20
R/W
RW
RW
RWRWRW
RWRWRW
Reset
Value
0
0
0
000
00
GPAFR_U_csb
Bit
15
1413121110
9
8
AF19
AF18
AF17
AF16
R/W
RW
RW
RWRWRW
RWRWRW
Reset
Value
0
0
0
000
00
GPAFR_U_lsb
Bit
7
65
432
10
AF15
AF14
AF13
AF12
R/W
RW
RW
RWRWRW
RWRWRW
Reset
Value
0
0
0
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com