Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 22Page - STMicroelectronics STMPE2401 Datasheet HTML 23Page - STMicroelectronics STMPE2401 Datasheet HTML 24Page - STMicroelectronics STMPE2401 Datasheet HTML 25Page - STMicroelectronics STMPE2401 Datasheet HTML 26Page - STMicroelectronics STMPE2401 Datasheet HTML 27Page - STMicroelectronics STMPE2401 Datasheet HTML 28Page - STMicroelectronics STMPE2401 Datasheet HTML 29Page - STMicroelectronics STMPE2401 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
Interrupt system
STMPE2401
26/55
9.6
Interrupt status GPIO register (ISGPIOR)
ISGPIOR register monitors the status of the interruption from a particular GPIO pin interrupt
source to the host. Regardless whether the IEGPIOR bits are enabled or not, the ISGPIOR
bits are still updated. The ISG[15:0] bits are the interrupt status bits correspond to the
GPIO[15:0] pins.
ISGPIOR _lsb
Bit
2322
212019181716
IEG
23
IEG
22
IEG
21
IEG
20
IEG
19
IEG
18
IEG
17
IEG
16
R/W
RW RWRWRW RW RWRWRW
Reset
Value
00000
000
ISGPIOR_msb
ISGPIOR _lsb
Bit
15
14
13
12
11
10
9
8
76543
210
ISG
15
ISG
14
ISG
13
ISG
12
ISG
11
ISG
10
ISG
9
ISG
8
ISG
7
ISG
6
ISG
5
ISG
4
ISG
3
ISG
2
ISG
1
ISG
0
R/W
RWRWRWRWRWRW
RW RW RW RW RW RW RW RW RW RW
Reset
Value
0
0
0
0
0
0
00
00000
000
Table 25. GPIO
Bits
Name
Description
23:0
ISG[x] Interrupt Status GPIO (where x = 23 to 0)
Read:
Interrupt Status of the GPIO[x].
Write:
A write to a ISG[x] bit with a value of ‘1’ will clear the interrupt and a write with a
value of ‘0’ has no effect on the ISG[x] bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com