Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 15Page - STMicroelectronics STMPE2401 Datasheet HTML 16Page - STMicroelectronics STMPE2401 Datasheet HTML 17Page - STMicroelectronics STMPE2401 Datasheet HTML 18Page - STMicroelectronics STMPE2401 Datasheet HTML 19Page - STMicroelectronics STMPE2401 Datasheet HTML 20Page - STMicroelectronics STMPE2401 Datasheet HTML 21Page - STMicroelectronics STMPE2401 Datasheet HTML 22Page - STMicroelectronics STMPE2401 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
STMPE2401
System controller
19/55
7.2
System control register
Table 18. System control register
Bit
7
6
5
4
3
2
1
0
Soft_Reset
-
Disable_32KHz Sleep Enable_GPIO Enable_PWM Enable_KPC Enable_ROT
Read/Writ
e (IIC)
WRW
RW
RW
RW
RW
RW
Read/Writ
e(HW)
RW
R
RW
R
R
R
R
Reset
Value
00
0
1
1
1
1
Table 19. System control register writing
Bits
Name
Description
0
Enable_ROT
Writing a ‘0’ to this bit will gate off the clock to the Rotator module, thus stopping
its operation
1
Enable_KPC
Writing a ‘0’ to this bit will gate off the clock to the Keypad Controller module,
thus stopping its operation
2
Enable_PWM
Writing a ‘0’ to this bit will gate off the clock to the PWM module, thus stopping
its operation
3
Enable_GPIO
Writing a ‘0’ to this bit will gate off the clock to the GPIO module, thus stopping
its operation
4
Sleep
Writing a ‘1’ to this bit will put the device in sleep mode. When in sleep mode, all
the units which need to work on clocks synchronous to 32KHz will get the clocks
derived from the 32K domain. The RC Oscillator will be shut off.
5
Disable_32KHz
Set this bit to disable the 32KHz OSC, thus putting the device in hibernate
mode. Only a Reset or a wakeup on IIC will reset this bit
6-
-
7
Soft_Reset
Writing a ‘1’ to this bit will do a soft reset of the device. Once the reset is done,
this bit will be cleared to ‘0’ by the HW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com