Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 39Page - STMicroelectronics STMPE2401 Datasheet HTML 40Page - STMicroelectronics STMPE2401 Datasheet HTML 41Page - STMicroelectronics STMPE2401 Datasheet HTML 42Page - STMicroelectronics STMPE2401 Datasheet HTML 43Page - STMicroelectronics STMPE2401 Datasheet HTML 44Page - STMicroelectronics STMPE2401 Datasheet HTML 45Page - STMicroelectronics STMPE2401 Datasheet HTML 46Page - STMicroelectronics STMPE2401 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
STMPE2401
Keypad controller
43/55
13.4
KPC_row_lsb register
13.5
KPC_ctrl_msb register
Table 40. KPC_row_lsb register
Bit
76
5
4
3
210
Name
output Row 0 ~ 7
Read/Write
WW
W
W
WWWW
Reset Value
00
0
0
0
000
Bit
Name
Description
7
output Row 7
‘1’ to turn on scanning of row 7; ‘0’ to turn off
6
output Row 6
‘1’ to turn on scanning of row 6; ‘0’ to turn off
5
output Row 5
‘1’ to turn on scanning of row 5; ‘0’ to turn off
4
output Row 4
‘1’ to turn on scanning of row 4; ‘0’ to turn off
3
output Row 3
‘1’ to turn on scanning of row 3; ‘0’ to turn off
2
output Row 2
‘1’ to turn on scanning of row 2; ‘0’ to turn off
1
output Row 1
‘1’ to turn on scanning of row 1; ‘0’ to turn off
0
output Row 0
‘1’ to turn on scanning of row 0; ‘0’ to turn off
Table 41. KPC_ctrl_msb register
Bit
7
6
54
3
210
Name
ScanCount0 ~ 3
DKey_0 ~ 3
Read/Write
W
W
WW
W
WWW
Reset Value
0
0
00
0
000
Bit
Name
Description
7
ScanCount3
Number of key scanning cycles elapsed before a confirmed
key data is updated into output data FIFO (0 ~ 15 cycles)
6
ScanCount2
5
ScanCount1
4
ScanCount0
3
DKey_3
Set ‘1’ to use Input Column 3 as dedicated key
2
DKey_2
Set ‘1’ to use Input Column 2 as dedicated key
1
DKey_1
Set ‘1’ to use Input Column 1 as dedicated key
0
DKey_0
Set ‘1’ to use Input Column 0 as dedicated key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com