Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE2401 Datasheet HTML 1Page - STMicroelectronics STMPE2401 Datasheet HTML 2Page - STMicroelectronics STMPE2401 Datasheet HTML 3Page - STMicroelectronics STMPE2401 Datasheet HTML 4Page - STMicroelectronics STMPE2401 Datasheet HTML 5Page - STMicroelectronics STMPE2401 Datasheet HTML 6Page - STMicroelectronics STMPE2401 Datasheet HTML 7Page - STMicroelectronics STMPE2401 Datasheet HTML 8Page - STMicroelectronics STMPE2401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
May 2007
Rev 2
1/55
55
STMPE2401
24-bit Enhanced port expander with Keypad and PWM controller
Xpander logic
Features
24 GPIOs
Operating voltage 1.8V
Hardware key pad controller (8*12 matrix max)
3 PWM (8 bit) output for LED brightness control
and blinking
Interrupt output (open drain) pin
Configurable hotkey feature on each GPIO
Ultra-low Standby-mode current
Package TFBGA - 36 pins 3.6x3.6mm, pitch
0.5mm
Description
The STMPE2401 is a GPIO (General Purpose
Input / output) port expander able to interface a
Main Digital ASIC via the two-line bidirectional
bus (I2C); separate GPIO Expander IC is often
used in Mobile-Multimedia platforms to solve the
problems of the limited amounts of GPIOs usually
available on the Digital Engine.
The STMPE2401 offers great flexibility as each
I/Os is configurable as input, output or specific
functions; it's able to scan a keyboard, also
provides PWM outputs for brightness control in
backlight, rotator decoder interface and GPIO.
This device has been designed very low
quiescent current, and is including a wake up
feature for each I/O, to optimize the power
consumption of the IC.
Potential application of the STMPE2401 includes
portable media player, game console, mobile
phone, smart phone
TFBGA
www.st.com
Figure 1.
Device summary
Part number
Package
Packaging
STMPE2401TBR
TFBGA36
Tape and reel


Similar Part No. - STMPE2401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STMPE2403TBR STMICROELECTRONICS-STMPE2403TBR Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
More results

Similar Description - STMPE2401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
10-Jan-2008
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
02-Jul-2007
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
8-bit Xpander Logic??with touchkey controller
10-Jun-2008
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
02-Jun-2008
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic™ 18-bit enhanced port expander with keypad controller
March 2011 Rev 3
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS003V1 STMICROELECTRONICS-STEVAL-TCS003V1 Datasheet
304Kb / 5P
24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
October 2009 Rev 1
STMPE1600 STMICROELECTRONICS-STMPE1600 Datasheet
280Kb / 27P
16-bit port expander with ultra-low power consumption Xpander Logic?
05-Feb-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com