Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 44Page - STMicroelectronics STMPE2401 Datasheet HTML 45Page - STMicroelectronics STMPE2401 Datasheet HTML 46Page - STMicroelectronics STMPE2401 Datasheet HTML 47Page - STMicroelectronics STMPE2401 Datasheet HTML 48Page - STMicroelectronics STMPE2401 Datasheet HTML 49Page - STMicroelectronics STMPE2401 Datasheet HTML 50Page - STMicroelectronics STMPE2401 Datasheet HTML 51Page - STMicroelectronics STMPE2401 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Rotator controller
STMPE2401
48/55
14.1
Rotator_Control
14.2
Rotator_Buffer
Table 47. Registers for rotator control
Address
Register name
Register Size
0x70
Rotator_Control
8
0x72
Rotator_Buffer
8
Bit
7
6
5
4
3
210
Start_FSM
Reserved
Read/Write
RW
R
R
R
R
R
R
R
Reset Value 0
0
0
0
0
000
Bits
Name
Description
7
Start_FSM
Rotator FSM start bit.
‘1’ – Activate the FSM
‘0’ – Stop sampling rotator symbols
Bit
7
6
543
2
1
0
Symbol_Type
Symbol_Count
Read/Write
R
R
R
R
R
R
R
R
Reset Value
0
0
000
0
0
0
Bits
Name
Description
7
Symbol_Type
Symbol type to be reported
‘1’ – Down
‘0’ – Up
6~0
Symbol_Count
Number of symbols of the type specified by bit 7
Minimum of 0 (b’0000000) to
Maximum of 127 (b’1111111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com