Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 8Page - STMicroelectronics STMPE2401 Datasheet HTML 9Page - STMicroelectronics STMPE2401 Datasheet HTML 10Page - STMicroelectronics STMPE2401 Datasheet HTML 11Page - STMicroelectronics STMPE2401 Datasheet HTML 12Page - STMicroelectronics STMPE2401 Datasheet HTML 13Page - STMicroelectronics STMPE2401 Datasheet HTML 14Page - STMicroelectronics STMPE2401 Datasheet HTML 15Page - STMicroelectronics STMPE2401 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Electrical specification
STMPE2401
12/55
4.4
DC output specification
(1.55V < vdd < 1.95V)
Note:
Pull-up and Pull-down characteristics
4.5
AC characteristics
Table 9. DC output specification
Symbol
Parameter
Test
conditions
Value
Unit
Min.
Typ.
Max.
Ipu
Pull-up current
Vi = 0V
15
35
65
µA
Ipd
Pull-down current
Vi = vdd
14
35
60
µA
Rup
Equivalent pull-up resistance
Vi = 0V
30
50
103.3
K
Rpd
Equivalent pull-down resistance
Vi = vdd
32.5
50
110.7
K
Table 10. AC characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
FO
Frequency
16
32
kHz
CL
Load capacitance
27
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com