Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 18Page - STMicroelectronics STMPE2401 Datasheet HTML 19Page - STMicroelectronics STMPE2401 Datasheet HTML 20Page - STMicroelectronics STMPE2401 Datasheet HTML 21Page - STMicroelectronics STMPE2401 Datasheet HTML 22Page - STMicroelectronics STMPE2401 Datasheet HTML 23Page - STMicroelectronics STMPE2401 Datasheet HTML 24Page - STMicroelectronics STMPE2401 Datasheet HTML 25Page - STMicroelectronics STMPE2401 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Interrupt system
STMPE2401
22/55
9
Interrupt system
STMPE2401 uses a highly flexible interrupt system. It allows host system to configure the
type of system events that should result in an interrupt, and pinpoints the source of interrupt
by status register. The INT pin could be configured as ACTIVE HIGH, or ACTIVE LOW.
32KHz clock input or crystal must be available for the interrupt system to be functional.
INT pin is 3.3V tolernat.
Once asserted, the INT pin would de-assert only if the corresponding bit in the
InterruptStatus register is cleared.
Figure 7.
Interrupt system
9.1
Register map of interrupt system
Table 20. Register map of interrupt system
Address
Register Name
Description
Auto-Increment
(during sequential R/W)
0x10
ICR_msb
Interrupt Control Register
Yes
0x11
ICR_lsb
Yes
0x12
IER_msb
Interrupt Enable Mask Register
Yes
0x13
IER_lsb
Yes
0x14
ISR_msb
Interrupt Status Register
Yes
0x15
ISR_lsb
Yes
0x16
IEGPIOR_msb
Interrupt Enable GPIO Mask
Register
Yes
0x17
IEGPIOR_mid
Yes
0x18
IEGPIOR_lsb
Yes
0x19
IEGPIOR_msb
Interrupt Status GPIO Register
Yes
0x1A
ISGPIOR_mid
Yes
0x1B
ISGPIOR_lsb
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com