Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE2401 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 7Page - STMicroelectronics STMPE2401 Datasheet HTML 8Page - STMicroelectronics STMPE2401 Datasheet HTML 9Page - STMicroelectronics STMPE2401 Datasheet HTML 10Page - STMicroelectronics STMPE2401 Datasheet HTML 11Page - STMicroelectronics STMPE2401 Datasheet HTML 12Page - STMicroelectronics STMPE2401 Datasheet HTML 13Page - STMicroelectronics STMPE2401 Datasheet HTML 14Page - STMicroelectronics STMPE2401 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
STMPE2401
Electrical specification
11/55
4
Electrical specification
4.1
DC electrical characteristics
4.2
I/O DC electrical characteristics
The 1.8V I/O complies to the EIA/JEDEC standard JESD8-7.
4.3
DC input specification
(1.55V < VDD < 1.95V)
Table 6. DC electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VCC1,2
1.8V supply voltage
1.65
1.8
1.95
V
IHIBERNATE HIBERNATE mode
current
612
uA
ISLEEP
SLEEP mode current
15
50
uA
Icc
Operating current
(FSM working – No
peripheral activity)
0.5
1.0
mA
IO_INT
Open drain output
current
4mA
V_INT
Voltage level at INT pin
3.6
V
Table 7. I/O DC electrical characteristic
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
Vil
Low level input voltage
0.35*Vcc
= 0.63
V
Vih
High level input voltage
0.65*Vcc
= 1.17
V
Vhyst
Schmitt trigger hysteresis
0.10
V
Table 8. DC input specification
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
Vol
Low level output voltage
Iol = 4mA
0.45
V
Voh
High level output voltage
Ioh = 4mA
Vcc - 0.45
= 1.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com